Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS2911-1-F3-AX. Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2911-1-F3-AX.
Description  HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2911-1-F3-AX. Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2911-1-F3-AX. Datasheet HTML 1Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 2Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 3Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 4Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 5Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 6Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 7Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 8Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PS2911-1e
R08DS0110EJ0400 Rev.4.00
Page 4 of 12
Jan 21, 2016
ELECTRICAL CHARACTERISTICS (TA = 25
C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 1 mA
0.9
1.1
1.3
V
Reverse Current
IR
VR = 5 V
5
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
15
pF
Transistor
Collector to Emitter Dark
Current
ICEO
IF = 0 mA, VCE = 40 V
100
nA
Coupled
Current Transfer Ratio
(IC/IF) *1
CTR
IF = 1 mA, VCE = 5 V
100
200
400
%
Collector Saturation
Voltage
VCE(SAT)
IF = 1 mA, IC = 0.2 mA
0.13
0.3
V
Isolation Resistance
RI-O
VI-O = 1 kVDC
1011
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.4
pF
Rise Time *2
tr
VCC = 5 V, IC = 2 mA, RL = 100
5
s
Fall Time *2
tf
10
Turn-on Time *2
ton
VCC = 5 V, IF = 1 mA, RL = 5 k
40
s
Storage Time *2
ts
10
Turn-off Time *2
toff
120
Notes: *1. CTR rank
N
: 100 to 400 (%)
K
: 200 to 400 (%)
L
: 150 to 300 (%)
M : 100 to 200 (%)
*2. Test circuit for switching time
Input
Output
90%
10%
tr
tf
ts
td
ton
toff
VCC
VOUT
IF
IC
RL = 100
Ω/5 kΩ
50
Ω
Pulse Input
In monitor
PW = 100 s
Duty cycle = 1/10
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com