Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS2911-1-F3-AX. Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2911-1-F3-AX.
Description  HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2911-1-F3-AX. Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2911-1-F3-AX. Datasheet HTML 1Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 2Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 3Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 4Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 5Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 6Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 7Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 8Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PS2911-1e
R08DS0110EJ0400 Rev.4.00
Page 3 of 12
Jan 21, 2016
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number*1
PS2911-1
PS2911-1-AX
Pb-Free
50 pcs (Tape 50 pcs cut)
Standard products
PS2911-1
PS2911-1-F3
PS2911-1-F3-
AX
(Ni/Pd/Au)
Embossed Tape 3 500
pcs/reel
(UL, BSI approved)
PS2911-1-V
PS2911-1-V-AX
50 pcs (Tape 50 pcs cut)
UL, BSI approved
DIN EN 60747-5-5
PS2911-1-V-F3
PS2911-1-V-F3-
AX
Embossed Tape 3 500
pcs/reel
(VDE 0884-5)
approved (Option)
Note:
*1. For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
IF
50
mA
Forward Current Derating
I
F
/
C
0.5
mA/
C
Peak Forward Current *1
IFP
0.5
A
Power Dissipation
PD
60
mW
Reverse Voltage
VR
6
V
Detector
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
5
V
Collector Current
IC
40
mA
Power Dissipation Derating
P
C
/
C
1.2
mW/
C
Power Dissipation
PC
120
mW
Isolation Voltage *2
BV
2 500
Vr.m.s.
Total Power Dissipation
PT
160
mW
Operating Ambient Temperature
TA
55 to +100
C
Storage Temperature
Tstg
55 to +150
C
Notes: *1. PW = 100
s, Duty Cycle = 1%
*2. AC voltage for 1 minute at TA = 25
C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com