Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS2911-1-F3-AX. Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS2911-1-F3-AX.
Description  HIGH CTR, 4-PIN ULTRA SMALL PACKAGE FLAT-LEAD PHOTOCOUPLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2911-1-F3-AX. Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS2911-1-F3-AX. Datasheet HTML 1Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 2Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 3Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 4Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 5Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 6Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 7Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 8Page - Renesas Technology Corp PS2911-1-F3-AX. Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PS2911-1e
R08DS0110EJ0400 Rev.4.00
Page 5 of 12
Jan 21, 2016
TYPICAL CHARACTERISTICS (TA = 25
C, unless otherwise specified)
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
80
40
60
20
0
25
50
75
100
0.5 mA/˚C
140
100
120
40
60
80
20
25
50
75
100
125
0
–25
0
25
50
75
100
1
10
100
1 000
10 000
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
VCE = 20 V
40 V
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0˚C
–25˚C
–50˚C
+60˚C
+25˚C
TA = +100˚C
CTR = 200%
1 mA
IF = 0.5 mA
2 mA
5 mA
68
4
2
010
20
16
12
8
4
1 mA
0.5 mA
IF = 5 mA
2 mA
CTR = 200%
18
14
10
6
2
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com