Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9705SEFT/RV Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM9705SEFT/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFT/RV Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM9705SEFT/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
44
POLLING METHOD
The polling method relies on the controller to instruct every operation, i.e. to send an instruction
requesting every individual conversion specifically. A polled conversion is requested by writing a 1
to POLL bit 15 in register 76h, along with the address of the channel to be converted.
The channel to convert is identified by a 3-bit tag word ADR[2-0] written to the Pen control register
76h. This tag has the same value as the value read back with the conversion result, thus
identifying which channel the result is for, see Table 24.
If ADD[2-0] is set to 0 then no
conversion will take place and POLL will be reset.
If the channel to convert is an X or Y pen channel, then the appropriate screen driver switch
configuration is selected first, the screen allowed to settle for a time (selected by programming the
value into the DELAY register, DEL[3-0] in register 76h) and then the screen sample taken and
the conversion made. Figures A2 and A3 show the switch configurations for X and Y plate
conversions. Once the conversion is complete, the result is written into the results register 7Ah
where it is available for readback.
Figure 21 Control of ADC conversions : Polling Method
CO-ORDINATE METHOD
Setting bit COO in register 76h puts the device into Co-ordinate conversion mode.
Co-ordinate method of conversion instructs a sequence of conversions necessary to perform a
pen co-ordinate determination. Most basically this requires an X and a Y conversion but may also
include a pressure measurement. Writing to the POLL bit with COO bit in register 76h set
initiates a set of co-ordinate conversions, the results of which are returned to the controller as
soon as they are available.
If pressure conversion, or an auxiliary conversion are also required as part of the sequence, this is
instructed by writing the appropriate address into the ADR [2-0] bits of register 76h. (X and Y
addresses do not need to be set in this case, as they are implied by the choice of co-ordinate
method of operation). DEL[3-0] delays are applied as for polled operation to all conversions.
Subsequent POLL operations will then return both X and Y conversion results, plus the auxiliary
or pressure conversion result indicated by the value set in ADR[2-0].
Once a conversion is complete, the result is written into the results register 7Ah where it is
available for readback.
Screen Switch
/ Input Mux
mode
EAPD/BUSY
delay = 2 frames
Single coordinate conversion with ADR = 000 (X and Y only) with delay set to 1 (2 frames)
POLL
SYNC
ADR = 001 - X measurement
ADR = 010 - Y measurement
DELAY
CONVERT
DELAY
CONVERT
ADC MODE
Pen Detect or Off
X
X
Write to 0x76 with 0x8810
SDOUT
Pen Detect or Off
delay = 2 frames
PENDATA
X
X measurement data
Y measurement data
external signals
internal signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com