Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9705SEFT/RV Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM9705SEFT/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFT/RV Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM9705SEFT/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
27
AC-LINK AUDIO INPUT FRAME (SDATAIN)
SYNC
BITCLK
SDATAIN
CODEC
READY
SLOT(1)
SLOT(2)
SLOT(12)
'0'
'0'
'0'
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT 'VALID' BITS
('1' = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 14 AC-link Audio Input Frame
The audio input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC’97 controller. As is the case for audio output frame, each AC-link audio input
frame consists of 12, 20-bit time slots.
Slot 0 is a special reserved time slot containing 16-bits, which are used for AC-link protocol
infrastructure.
Within slot 0 the first bit is a global bit (SDATAIN slot 0, bit 15) which flags whether the WM9705
is in the Codec Ready state or not. If the Codec Ready bit is a 0, this indicates that the WM9705
is not ready for normal operation. This condition is normal following the desertion of power on
reset for example, while the WM9705’s voltage references settle. When the AC-link Codec Ready
indicator bit is a 1, it indicates that the AC-link and the WM9705 control and status registers are in
a fully operational state. The AC’97 controller must further probe the Powerdown Control/Status
Register to determine exactly which subsections, if any, are ready.
Prior to any attempts at putting the WM9705 into operation the AC’97 controller should poll the
first bit in the audio input frame (SDATAIN slot 0, bit 15) for an indication that the WM9705 has
gone Codec Ready.
Once the WM9705 is Codec Ready, then the next 12 bit positions sampled by the AC’97
controller indicate which of the corresponding 12 time slots are assigned to input data streams,
and that they contain valid data. Figure 14 illustrates the time slot based AC-link protocol.
There are several subsections within the WM9705 that can independently go busy/ready. It is the
responsibility of the WM9705 controller to probe more deeply into the WM9705 register file to
determine which of the WM9705 subsections are actually ready.
SYNC
BITCLK
SDATAIN
THE WM9705 SAMPLES SYNC ASSERTION HERE
AC'97 CONTROLLER SAMPLES FIRST
SDATAIN BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
CODEC
READY
SLOT (1)
SLOT (2)
Figure 15 Start of an Audio Input Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com