Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9705SEFT/RV Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9705SEFT/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFT/RV Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9705SEFT/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM9705SEFT/RV Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
7
PIN DESCRIPTION
PIN
48 PIN QFN
48 PIN TQFP
TYPE
DESCRIPTION
1
DVDD1
DVDD1
Supply
Digital positive supply
2
XTLIN
XTLIN
Digital input
Clock crystal connection or clock input (XTAL not used)
3
XTLOUT
XTLOUT
Digital output
Clock crystal connection
4
DGND1
DGND1
Supply
Digital ground supply
5
SDATAOUT
SDATAOUT
Digital input
Serial data input
6
BITCLK
BITCLK
Digital output
Digital input
Serial interface clock output to AC’97 controller
or input from AC'97 primary codec
7
DGND2
DGND2
Supply
Digital ground supply
8
SDATAIN
SDATAIN
Digital output
Serial data output to AC’97 controller
9
DVDD2
DVDD2
Supply
Digital positive supply
10
SYNC
SYNC
Digital input
Serial interface sync pulse from AC’97 controller
11
RESETB
RESETB
Digital input
NOT reset input (active low, resets registers)
12
PCBEEP
PCBEEP
Analogue input
Mixer input, typically for PCBEEP signal (also input to AUX ADC)
13
PHONE
PHONE
Analogue input
PHONE input (also input to AUX ADC)
14
X+/AUXL
X+/AUXL
Analogue I/O
Pen X+ channel screen driver/input. (or AUXL mixer input)
15
X-/AUXR
X-/AUXR
Analogue I/O
Pen X- channel screen driver/input (or AUXR mixer input)
16
Y+/VIDL
Y+/VIDL
Analogue I/O
Pen Y+ channel screen driver/input (or VIDL mixer input)
17
Y-/VIDR
Y-/VIDR
Analogue I/O
Pen Y- channel screen driver/input (or VIDR mixer input)
18
CDL
CDL
Analogue input
Mixer input, typically for CD signal
19
CDGND
CDGND
Analogue input
CD input common mode reference (ground)
20
CDR
CDR
Analogue input
Mixer input, typically for CD signal
21
MIC1
MIC1
Analogue input
Mixer input with extra gain if required – also HSET detect input
22
MIC2
MIC2
Analogue input
Mixer input with extra gain if required
23
LINEINL
LINEINL
Analogue input
Mixer input, typically for LINE signal
24
LINEINR
LINEINR
Analogue input
Mixer input, typically for LINE signal
25
AVDD1
AVDD1
Supply
Analogue positive supply for screen drivers
26
AGND1
AGND1
Supply
Analogue ground supply for screen drivers
27
VREF
VREF
Analogue output
Internal reference (buffered CAP2)
28
VREFOUT
VREFOUT
Analogue output
Reference for microphones (buffered CAP2)
29
PDRES
PDRES
Analogue input
Pen Down Detect Pull-up external resistor connection
30
AUXADC
AUXADC
Analogue input
AUX signal input to digitiser ADC
31
BMON
BMON
Analogue input
Battery input to ADC
32
CAP2
CAP2
Analogue I/O
Reference input/output; pulls to midrail if not overdriven
33
CX3D1
CX3D1
Analogue output
Output pin for 3D difference signal
34
CX3D2
CX3D2
Analogue input
Input pin for 3D difference signal
35
LINEOUTL
LINEOUTL
Analogue output
Main analogue output for left channel
36
LINEOUTR
LINEOUTR
Analogue output
Main analogue output for right channel
37
MONOOUT
MONOOUT
Analogue output
Main mono output
38
AVDD2
AVDD2
Supply
Analogue positive supply
39
HPOUTL
HPOUTL
Analogue output
Left channel line level output (or headphone, or headset mic input)
40
HPGND
HPGND
Supply
Headphone ground supply
41
HPOUTR
HPOUTR
Analogue output
Right channel line level output (or headphone)
42
AGND2
AGND2
Supply
Analogue ground supply
43
MASK/LRC
MASK/LRC
Digital bidir
MASK input signal to delay PEN conversions (or LRCLK output)
44
SPEN/I
2S
SPEN/I
2S
Digital bidir
SPDIF hardware enable pin and I
2S data output
45
CID0
CID0
Digital input
Primary/Secondary ID select (internal pull-up) Hi = Primary
46
PENDET
PENDET
Digital output
Pen Down Detection flag OR Headset detect output
47
EAPD/BUSY
EAPD/BUSY
Digital output
External amplifier powerdown or BUSY output flag from Pen ADC
48
SPDIF
SPDIF
Digital output
S/PDIF output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com