Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 44 of 58
20.0
USB Mode Tables
Mode
This lists the mnemonic given to the different modes that can be set in the Endpoint Mode Register by writing to the lower nibble
(bits 0..3). The bit settings for different modes are covered in the column marked “Mode Bits.” The Status IN and Status OUT
represent the Status stage in the IN or OUT transfer involving the control endpoint.
Mode Bits
These column lists the encoding for different modes by setting Bits[3..0] of the Endpoint Mode register. This modes represents
how the SIE responds to different tokens sent by the host to an endpoint. For instance, if the mode bits are set to “0001” (NAK
IN/OUT), the SIE will respond with an
• ACK on receiving a SETUP token from the host
• NAK on receiving an OUT token from the host
• NAK on receiving an IN token from the host
Refer to section 13.0 for more information on SIE functioning.
SETUP, IN, and OUT
These columns shows the SIE’s response to the host on receiving a SETUP, IN and OUT token depending on the mode set in
the Endpoint Mode Register.
A “Check” on the OUT token column, implies that on receiving an OUT token the SIE checks to see whether the OUT packet is
of zero length and has a Data Toggle (DTOG) set to ‘1.’ If the DTOG bit is set and the received OUT Packet has zero length, the
OUT is ACKed to complete the transaction. If either of this condition is not met the SIE will respond with a STALLL or just ignore
the transaction.
A “TX Count” entry in the IN column implies that the SIE transmit the number of bytes specified in the Byte Count (bits 3..0 of the
Endpoint Count Register) to the host in response to the IN token received.
Note:
4.
STALL bit is bit 7 of the USB Non-Control Device Endpoint Mode registers. For more information, refer to section 19.4.
Table 20-1. USB Register Mode Encoding
Mode
Mode
Bits
SETUP
IN
OUT
Comments
Disable
0000
ignore
ignore
ignore
Ignore all USB traffic to this endpoint
Nak In/Out
0001
accept NAK
NAK
Forced from Setup on Control endpoint, from modes other than 0000
Status Out Only
0010
accept stall
check
For Control endpoints
Stall In/Out
0011
accept stall
stall
For Control endpoints
Ignore In/Out
0100
accept ignore
ignore
For Control endpoints
Isochronous Out
0101
ignore
ignore
always
For Isochronous endpoints
Status In Only
0110
accept TX 0
BYte
stall
For Control Endpoints
Isochronous In
0111
ignore
TX
count
ignore
For Isochronous endpoints
Nak Out
1000
ignore
ignore
NAK
Is set by SIE on an ACK from mode 1001 (Ack Out)
Ack Out(STALL[4]=0)
Ack Out(STALL[4]=1)
1001
1001
ignore
ignore
ignore
ignore
ACK
stall
On issuance of an ACK this mode is changed by SIE to 1000 (NAK Out)
Nak Out - Status In
1010
accept TX 0
BYte
NAK
Is set by SIE on an ACK from mode 1011 (Ack Out- Status In)
Ack Out - Status In
1011
accept TX 0
BYte
ACK
On issuance of an ACK this mode is changed by SIE to 1010 (NAK Out
– Status In)
Nak In
1100
ignore
NAK
ignore
Is set by SIE on an ACK from mode 1101 (Ack In)
Ack IN(STALL[4]=0)
Ack IN(STALL[4]=1)
1101
1101
ignore
ignore
TX
count
stall
ignore
ignore
On issuance of an ACK this mode is changed by SIE to 1100 (NAK In)
Nak In – Status Out
1110
accept NAK
check
Is set by SIE on an ACK from mode 1111 (Ack In – Status Out)
Ack In – Status Out
1111
accept TX
Count
check
On issuance of an ACK this mode is changed by SIE to 1110 (NAK In
– Status Out)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com