Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 2Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 3Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 4Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 6 of 58
1.0
Features
• Full-speed USB peripheral microcontroller with an integrated USB hub
— Well-suited for USB compound devices such as a keyboard hub function
• 8-bit USB optimized microcontroller
— Harvard architecture
— 6-MHz external clock source
— 12-MHz internal CPU clock
— 48-MHz internal Hub clock
• Internal memory
— 256 bytes of RAM
— 8 KB of PROM (CY7C66013, CY7C66113)
• Integrated Master/Slave I2C-compatible controller (100 kHz) enabled through General-purpose I/O (GPIO) pins
• Hardware-assisted Parallel Interface (HAPI) for data transfer to external devices
•I/O ports
— Three GPIO ports (Port 0 to 2) capable of sinking 8 mA per pin (typical)
— An additional GPIO port (Port 3) capable of sinking 12 mA per pin (typical) for high current requirements: LEDs
— Higher current drive achievable by connecting multiple GPIO pins together to drive a common output
— Each GPIO port can be configured as inputs with internal pull-ups or open drain outputs or traditional CMOS outputs
— A Digital-to-Analog Conversion (DAC) port with programmable current sink outputs is available on the CY7C66113
device
— Maskable interrupts on all I/O pins
• 12-bit free-running timer with one microsecond clock ticks
• Watchdog Timer (WDT)
• Internal Power-on Reset (POR)
• USB Specification compliance
— Conforms to USB Specification, Version 1.1
— Conforms to USB HID Specification, Version 1.1
— Supports one or two device addresses with up to five user-configured endpoints
•
Up to two 8-byte control endpoints
•
Up to four 8-byte data endpoints
•
Up to two 32-byte data endpoints
— Integrated USB transceivers
— Supports four downstream USB ports
— GPIO pins can provide individual power control outputs for each downstream USB port
— GPIO pins can provide individual port over current inputs for each downstream USB port
• Improved output drivers to reduce electromagnetic interference (EMI)
• Operating voltage from 4.0V – 5.5V DC
• Operating temperature from 0
° – 70°C
• CY7C66013 available in 48-pin PDIP (-PC) or 48-pin SSOP (-PVC) packages
• CY7C66113 available in 56-pin SSOP (-PVC) packages
• Industry-standard programmer support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com