Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C66013-PVC Datasheet(PDF) 46 Page - Cypress Semiconductor

Part # CY7C66013-PVC
Description  Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013-PVC Datasheet(HTML) 46 Page - Cypress Semiconductor

Back Button CY7C66013-PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C66013-PVC Datasheet HTML 50Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
CY7C66013
CY7C66113
Document #: 38-08024 Rev. *A
Page 46 of 58
7. The entire Endpoint 0 mode register and the Count register are locked to CPU writes at the end of any transaction to that
endpoint in which an ACK is transferred. These registers are only unlocked by a CPU read of the register, which should be
done by the firmware only after the transaction is complete. This represents about a 1-
µs window in which the CPU is locked
from register writes to these USB registers. Normally the firmware should perform a register read at the beginning of the
Endpoint ISRs to unlock and get the mode register information. The interlock on the Mode and Count registers ensures that
the firmware recognizes the changes that the SIE might have made during the previous transaction. Note that the setup bit of
the mode register is NOT locked. This means that before writing to the mode register, firmware must first read the register to
make sure that the setup bit is not set (which indicates a setup was received, while processing the current USB request). This
read will of course unlock the register. So care must be taken not to overwrite the register elsewhere.
Table 20-3. Details of Modes for Differing Traffic Conditions (see Table 20-2 for the decode legend)
SETUP (if accepting SETUPs)
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token count buffer
dval
DTOG
DVAL COUNT Setup
In
Out ACK Mode Bits Response Intr
See
Table 16-1
Setup <= 10 data
valid
updates 1
updates 1
UC UC
1
0 0 0 1 ACK
yes
See
Table 16-1
Setup > 10
junk
x
updates updates updates 1
UC UC
UC
NoChange ignore
yes
See
Table 16-1
Setup x
junk
invalid
updates 0
updates 1
UC UC
UC
NoChange ignore
yes
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token count buffer
dval
DTOG
DVAL COUNT Setup
In
Out ACK Mode Bits Response Intr
DISABLED
0
0
0
0
x
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
Nak In/Out
0
0
0
1
Out
x
UC
x
UC
UC
UC
UC
UC 1
UC
NoChange NAK
yes
0
0
0
1
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange NAK
yes
Ignore In/Out
0
1
0
0
Out
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
0
1
0
0
In
x
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
Stall In/Out
0
0
1
1
Out
x
UC
x
UC
UC
UC
UC
UC 1
UC
NoChange Stall
yes
0
0
1
1
In
x
UC
x
UC
UC
UC
UC
1
UC
UC
NoChange Stall
yes
CONTROL WRITE
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits
Mode Bits
token count buffer
dval
DTOG
DVAL COUNT Setup
In
Out ACK Mode Bits Response Intr
Normal Out/premature status In
1
0
1
1
Out
<= 10 data
valid
updates 1
updates UC
UC 1
1
1 0 1 0 ACK
yes
1
0
1
1
Out
> 10
junk
x
updates updates updates UC
UC 1
UC
NoChange ignore
yes
1
0
1
1
Out
x
junk
invalid
updates 0
updates UC
UC 1
UC
NoChange ignore
yes
1
0
1
1
In
x
UC
x
UC
UC
UC
UC
1
UC
1
NoChange TX 0
yes
NAK Out/premature status In
1
0
1
0
Out
<= 10 UC
valid
UC
UC
UC
UC
UC 1
UC
NoChange NAK
yes
1
0
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
0
1
0
Out
x
UC
invalid
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
1
0
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
1
NoChange TX 0
yes
Status In/extra Out
0
1
1
0
Out
<= 10 UC
valid
UC
UC
UC
UC
UC 1
UC
0 0 1 1 Stall
yes
0
1
1
0
Out
> 10
UC
x
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
0
1
1
0
Out
x
UC
invalid
UC
UC
UC
UC
UC UC
UC
NoChange ignore
no
0
1
1
0
In
x
UC
x
UC
UC
UC
UC
1
UC
1
NoChange TX 0
yes
CONTROL READ
Properties of Incoming Packet
Changes made by SIE to Internal Registers and Mode Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com