Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1855E-100/T Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1855E-100/T
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855E-100/T Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1855E-100/T Datasheet HTML 9Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 10Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 11Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 12Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 13Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 14Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 15Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 16Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS1855
13 of 20
ANALOG RESISTOR CHARACTERISTICS (-40°C to +85°C; VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS NOTES
Resistor Inputs
L, H, W
GND -
0.3
VCC+0.3
V
Wiper Resistance
RW
3.0V
5.0V
400
250
1000
600
W
Wiper Current
IW
2mA
End-to-End Resistance
+25°C-20
+20
%
Absolute Linearity
10k
W/100 pos.
10k
W/256 pos.
20k
W/256 pos.
50k
W/256 pos.
100k
W/256 pos.
-0.75
-0.75
-1.0
-1.5
-2.25
0.75
0.75
1.0
1.5
2.25
LSB
9
Relative Linearity
10k
W/100 pos.
all other pots
-0.25
-0.5
+0.25
0.5
LSB
10
-3dB Cutoff
Frequency
fcutoff
DS1855-010
1
MHz
End-to-End Temp.
Coefficient
750
ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com