Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1855E-100/T Datasheet(PDF) 14 Page - Dallas Semiconductor

Part # DS1855E-100/T
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855E-100/T Datasheet(HTML) 14 Page - Dallas Semiconductor

Back Button DS1855E-100/T Datasheet HTML 10Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 11Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 12Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 13Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 14Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 15Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 16Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 17Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 18Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DS1855
14 of 20
AC ELECTRICAL CHARACTERISTICS
(-40°C to +85°C, VCC = 2.7V to 5.5V)
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS NOTES
SCL Clock Frequency
fSCL
Fast Mode
Standard Mode
0
0
400
100
kHz
4
Bus Free Time Between
STOP and START
t
BUF
Fast Mode
Standard Mode
1.3
4.7
ms
4
Hold Time (repeated)
START Condition
t
HD:STA
Fast Mode
Standard Mode
0.6
4.0
ms
4,5
Low Period of SCL
Clock
t
LOW
Fast Mode
Standard Mode
1.3
4.7
ms
4
High Period of SCL
Clock
t
HIGH
Fast Mode
Standard Mode
0.6
4.0
ms
4
Data Hold Time
t
HD:DAT
Fast Mode
Standard Mode
0
0
0.9
0.9
ms
4,6
Data Set-Up Time
t
SU:DAT
Fast Mode
Standard Mode
100
250
ns
4
Start Set-Up Time
t
SU:STA
Fast Mode
Standard Mode
0.6
4.7
ms
4
Rise Time of Both SDA
and SCL Signals
t
R
Fast Mode
Standard Mode
20+0.1CB
300
1000
ns
4
Fall Time of Both SDA
and SCL Signals
t
F
Fast Mode
Standard Mode
20+0.1CB
300
300
ns
7
Set-Up Time for STOP
Condition
t
SU:STO
Fast Mode
Standard Mode
0.6
4.0
ms
Capacitive Load for
Each Bus Line
C
B
400
pF
7
EEPROM Write Time
TW
2.5
10
ms
8
NONVOLATILE MEMORY CHARACTERISTICS
PARAMETER
SYMBOL CONDITION
MIN
TYP
MAX
UNITS
Writes
+85°C
50,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com