Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1855E-100/T Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1855E-100/T
Description  Dual Nonvolatile Digital Potentiometer and Secure Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1855E-100/T Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1855E-100/T Datasheet HTML 1Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 2Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 3Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 4Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 5Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 6Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 7Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 8Page - Dallas Semiconductor DS1855E-100/T Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1855
4 of 20
MEMORY ORGANIZATION
The DS1855’s serial EEPROM is internally organized with 256 words of 1 byte each. Each word requires
an 8-bit address for random word addressing. The byte at address F9h determines the wiper setting for
potentiometer 0, which contains 100 positions. Writing values above 63h to this address sets the wiper to
its uppermost position, but the MSB is ignored. The byte at address F8h determines the wiper setting for
potentiometer 1, which contains 256 positions (00h to FFh). Address locations FAh though FFh are
reserved and should not be written.
MEMORY
LOCATION
NAME OF
MEMORY
LOCATION
FUNCTION OF MEMORY LOCATION
00h – F7h
User Memory
General-purpose user memory.
F8h
Potentiometer 1 Setting Writing to this byte controls the setting of potentiometer 1, a 256-
position pot. Valid settings are 00h to FFh.
F9h
Potentiometer 0 Setting Writing to this byte controls the setting of potentiometer 0, a 100-
position pot. Valid settings are 00h to 63h. MSB is ignored.
FAh
Software Lock
Configuration Byte
The three lower bits in this byte can be used to set write-protection
to the 256-byte memory block.
B2: Writing this bit to a 1 protects the upper page of memory. If
this bit is set, memory locations F8h to FFh are configured for
write-protection.
B1: Writing this bit to a 1 protects the upper block of memory. If
this bit is set, memory locations 80h to F7h are configured for
write-protection. The upper page must be unlocked in order to
modify the locking of this portion of memory.
B0: Writing this bit to a 1 protects the lower block of memory. If
this bit is set, memory locations 00h to 7Fh are configured for
write-protection. The upper page must be unlocked in order to
modify the locking of this portion of memory.
B2 B1 B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com