Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6431 Datasheet(PDF) 100 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6431
Description  Digital Media Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6431 Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMS320DM6431 Datasheet HTML 96Page - Texas Instruments TMS320DM6431 Datasheet HTML 97Page - Texas Instruments TMS320DM6431 Datasheet HTML 98Page - Texas Instruments TMS320DM6431 Datasheet HTML 99Page - Texas Instruments TMS320DM6431 Datasheet HTML 100Page - Texas Instruments TMS320DM6431 Datasheet HTML 101Page - Texas Instruments TMS320DM6431 Datasheet HTML 102Page - Texas Instruments TMS320DM6431 Datasheet HTML 103Page - Texas Instruments TMS320DM6431 Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 227 page
background image
TMS320DM6431
Digital Media Processor
SPRS342C – NOVEMBER 2006 – REVISED JUNE 2008
www.ti.com
3.7.3.11.1 EMIFA/VPSS Block Pin Selection Procedure
Follow the steps below to perform pin selection for the EMIFA/VPSS Block and its sub-blocks.
1. Major Configuration Options: start with Table 3-38, EMIFA/VPSS Block Major Configuration Choices.
Based on the peripheral needs, the user should select from the major configuration options in this
block: Major Config Options A, B, and E.
2. Sub-Block 2 and Sub-Block 3 Selection: After selecting the major configuration option from
Table 3-38, EMIFA/VPSS Block Major Configuration Choices, the pin selection for Sub-Block 2 and
Sub-Block 3 is complete.
3. Sub-Block 0 Selection: Use Table 3-39 through Table 3-41, EMIFA/VPSS Sub-Block 0 Configuration
Choices, to refine Sub-Block 0 pin selections.
a.
Go to the table with the Major Configuration Option chosen in Step 1.
b.
Each Major Configuration Option is further divided down into multiple Minor Configuration Options.
Select a Minor Configuration Option that best suits the application need.
c.
Within the chosen Minor Configuration Option, further refine the detailed pin configurations by
selecting the settings of PINMUX0 fields CCDCSEL, HVDSEL, CWENSEL, CFLDSEL, and
CI10SEL.
d.
The Selection Fields columns show the settings needed to program the PINMUX0 register.
4. Sub-Block 1 Selection: Use Table 3-42 through Table 3-44, EMIFA/VPSS Sub-Block 1 Configuration
Choices, to refine Sub-Block 1 pin selection.
a.
Go to the table with the Major Configuration Option chosen in Step 1.
b.
Each Major Configuration Option is further divided down into multiple Minor Configuration Options.
Select a Minor Configuration Option that best suits the application need.
c.
Within the chosen Minor Configuration Option, further refine the detailed pin configurations by
selecting the settings of PINMUX0 fields CS3SEL, CS4SEL, and CS5SEL.
d.
The Selection Fields columns show the settings needed to program the PINMUX0 register.
After following the procedure in this section to determine pin functions for the EMIFA/VPSS Block, the
user should refer to Section 3.7.3.11.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary, for
pin-multiplexing information on a pin-by-pin basis.
3.7.3.11.2 EMIFA/VPSS Block Major Configuration Choices
Table 3-38 shows the major configuration choices in the EMIFA/VPSS Block. For instructions on how to
use the EMIFA/VPSS Block Major Configuration Choices table for the EMIFA/VPSS Block and
Sub-Blocks, see Section 3.7.3.11.1.
Device Configurations
100
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com