Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3232EBCT-L/TR Datasheet(PDF) 9 Page - Exar Corporation

Part # SP3232EBCT-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBCT-L/TR Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP3232EBCT-L/TR Datasheet HTML 5Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 6Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 7Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 8Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 9Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 10Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 11Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 12Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Receivers
The Receivers convert EIA/TIA-232 levels
to TTL or CMOS logic output levels. The
SP3222EB receivers have an inverting
tri-state output. These receiver outputs
(RxOUT) are tri-stated when the enable
control EN = HIGH. In the shutdown mode,
the receivers can be active or inactive. EN
has no effect on TxOUT. The truth table logic
of the SP3222EB driver and receiver outputs
can be found in Table 2.
Since receiver input is usually from a trans-
mission line where long cable lengths and
system interference can degrade the signal,
the inputs have a typical hysteresis margin
of 300mV. This ensures that the receiver
is virtually immune to noisy transmission
lines. Should an input be left unconnected,
an internal 5kΩ pulldown resistor to ground
will commit the output of the receiver to a
HIGH state.
Table 2. SP3222EB Truth Table Logic for Shutdown
and Enable Control
Figure 10. SP3222EB/SP3232EB Driver Loopback
Test Circuit
Charge Pump
The charge pump is an Exar-patended
design (U.S. 5,306,954) and uses a unique
approach compared to older less-efficient
designs. The charge pump still requires four
external capacitors, but uses a four-phase
voltage shifting technique to attain sym-
metrical 5.5V power supplies. The internal
power supply consists of a regulated dual
charge pump that provides output voltages
of +/-5.5V regardless of the input voltage
(Vcc) over the +3.0V to +5.5V range.
Figure 12. Loopback Test results at 250kbps
Figure 11. Loopback Test results at 120kbps
SHDN
EN
TxOUT
RxOUT
0
0
Tri-state
Active
0
1
Tri-state
Tri-state
1
0
Active
Active
1
1
Active
Tri-state
DESCRIPTION
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000• www.exar.com
SP3222EB/SP3232EB_106_022316
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com