Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3232EBCT-L/TR Datasheet(PDF) 22 Page - Exar Corporation

Part # SP3232EBCT-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBCT-L/TR Datasheet(HTML) 22 Page - Exar Corporation

Back Button SP3232EBCT-L/TR Datasheet HTML 16Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 17Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 18Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 19Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 20Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 21Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 22Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 23Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ORDERING INFORMATION
Note: "/TR" is for tape and Reel option. "-L" is for lead free packaging
Part Number
Temp. Range
Package
SP3222EBCA-L
0°C to +70°C
20 Pin SSOP
SP3222EBCA-L/TR
0°C to +70°C
20 Pin SSOP
SP3222EBCT-L
0°C to +70°C
18 Pin WSOIC
SP3222EBCT-L/TR
0°C to +70°C
18 Pin WSOIC
SP3222EBCY-L
0°C to +70°C
20 Pin TSSOP
SP3222EBCY-L/TR
0°C to +70°C
20 Pin TSSOP
SP3222EBEA-L
-40°C to +85°C
20 Pin SSOP
SP3222EBEA-L/TR
-40°C to +85°C
20 Pin SSOP
SP3222EBET-L
-40°C to +85°C
18 Pin WSOIC
SP3222EBET-L/TR
-40°C to +85°C
18 Pin WSOIC
SP3222EBEY-L
-40°C to +85°C
20 Pin TSSOP
SP3222EBEY-L/TR
-40°C to +85°C
20 Pin TSSOP
Part Number
Temp. Range
Package
SP3232EBCA-L
0°C to +70°C
16 Pin SSOP
SP3232EBCA-L/TR
0°C to +70°C
16 Pin SSOP
SP3232EBCN-L
0°C to +70°C
16 Pin NSOIC
SP3232EBCN-L/TR
0°C to +70°C
16 Pin NSOIC
SP3232EBCT-L
0°C to +70°C
16 Pin WSOIC
SP3232EBCT-L/TR
0°C to +70°C
16 Pin WSOIC
SP3232EBCY-L
0°C to +70°C
16 Pin TSSOP
SP3232EBCY-L/TR
0°C to +70°C
16 Pin TSSOP
SP3232EBEA-L
-40°C to +85°C
16 Pin SSOP
SP3232EBEA-L/TR
-40°C to +85°C
16 Pin SSOP
SP3232EBEN-L
-40°C to +85°C
16 Pin NSOIC
SP3232EBEN-L/TR
-40°C to +85°C
16 Pin NSOIC
SP3232EBET-L
-40°C to +85°C
16 Pin WSOIC
SP3232EBET-L/TR
-40°C to +85°C
16 Pin WSOIC
SP3232EBEY-L
-40°C to +85°C
16 Pin TSSOP
SP3232EBEY-L/TR
-40°C to +85°C
16 Pin TSSOP
SP3232EBER-L
-40°C to +85°C
16 Pin QFN
SP3232EBER-L/TR
-40°C to +85°C
16 Pin QFN
22
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3222EB/SP3232EB_106_022316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com