Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3232EBCT-L/TR Datasheet(PDF) 12 Page - Exar Corporation

Part # SP3232EBCT-L/TR
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3232EBCT-L/TR Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP3232EBCT-L/TR Datasheet HTML 8Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 9Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 10Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 11Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 12Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 13Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 14Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 15Page - Exar Corporation SP3232EBCT-L/TR Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ESD TOLERANCE
The SP3222EB/SP3232EB series incor-
porates ruggedized ESD cells on all driver
output and receiver input pins. The ESD
structure is improved over our previous
family for more rugged applications and
environments sensitive to electro-static
discharges and associated transients. The
improved ESD tolerance is at least +15kV
without damage nor latch-up.
There are different methods of ESD testing
applied:
a) MIL-STD-883, Method 3015.7
b) IEC61000-4-2 Air-Discharge
c) IEC61000-4-2 Direct Contact
The Human Body Model has been the
generally accepted ESD testing method
for semi-conductors. This method is also
specified in MIL-STD-883, Method 3015.7
for ESD testing. The premise of this ESD test
is to simulate the human body’s potential to
store electro-static energy and discharge it
to an integrated circuit. The simulation is
performed by using a test model as shown
in Figure 18. This method will test the IC’s
capability to withstand an ESD transient
during normal handling such as in manu-
facturing areas where the ICs tend to be
handled frequently.
The IEC-61000-4-2, formerly IEC801-2, is
generally used for testing ESD on equipment
and systems. For system manufacturers,
they must guarantee a certain amount of ESD
protection since the system itself is exposed
to the outside environment and human pres-
ence. The premise with IEC61000-4-2 is that
the system is required to withstand an amount
of static electricity when ESD is applied to
points and surfaces of the equipment that
are accessible to personnel during normal
usage. The transceiver IC receives most
of the ESD current when the ESD source is
applied to the connector pins. The test circuit
for IEC61000-4-2 is shown on Figure 19.
There are two methods within IEC61000-4-2,
the Air Discharge method and the Contact
Discharge method.
With the Air Discharge Method, an ESD
voltage is applied to the equipment under
test (EUT) through air. This simulates an
electrically charged person ready to connect
a cable onto the rear of the system only to
find an unpleasant zap just before the person
touches the back panel. The high energy
potential on the person discharges through
an arcing path to the rear panel of the system
before he or she even touches the system.
This energy, whether discharged directly or
through air, is predominantly a function of the
discharge current rather than the discharge
voltage. Variables with an air discharge such
as approach speed of the object carrying the
ESD potential to the system and humidity
will tend to change the discharge current.
For example, the rise time of the discharge
current varies with the approach speed.
The Contact Discharge Method applies the
ESD current directly to the EUT. This method
was devised to reduce the unpredictability
of the ESD arc. The discharge current rise
time is constant since the energy is directly
transferred without the air-gap arc. In situ-
ations such as hand held systems, the ESD
charge can be directly discharged to the
Figure 18. ESD Test Circuit for Human Body Model
DESCRIPTION
12
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7000 • www.exar.com
SP3222EB/SP3232EB_106_022316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com