Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5950AM Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5950AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—4
PIN DESCRIPTION
Number
Name
I/O
Description
HIGH
LOW
1
LRCI
I
Sample rate clock input (fsi)
–
–
2
BCKI
I
Bit clock input (32fsi to 64fsi)
–
–
3
DI
I
Data input
–
–
4
TMOD0
I
IC test mode select pin (must be LOW for normal operation)
Test
Normal
5
RSTN
I
Reset pin
–
Reset
6
VDD
–
VDD supply (3.3V)
–
–
7
IISI
I
IIS input select pin
–
–
8
IMOD0
I
Input format select pin 0
–
–
9
IMOD1
I
Input format select pin 1
–
–
10
DEEM
I
Deemphasis select pin
ON
OFF
11
FS0
I
Deemphasis frequency select pin 0
–
–
12
FS1
I
Deemphasis frequency select pin 1
–
–
13
DMUTE
I
Direct mute select pin
ON
OFF
14
THROU
I
Through mode select pin
Through
SRC
15
TMOD1
I
IC test mode select pin (must be LOW for normal operation)
Test
Normal
16
OMOD1
I
Output format select pin 1
–
–
17
OMOD0
I
Output format select pin 0
–
–
18
IISO
I
IIS output select pin
–
–
19
VSS
–
GND connection (0V)
–
–
20
SCKO
I
Output system clock input (512fso)
–
–
21
SLAVE
I
Slave select pin
Slave
Master
22
DOUT
O
Data output
–
–
23
BCKO
I/O
Bit clock input/output (64fso)
–
–
24
LRCO
I/O
Sample rate clock input/output (fso)
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com