Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5950AM Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5950AM Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—1
Asynchronous Sample Rate Converter
OVERVIEW
The SM5950AM is a digital audio signal asynchronous sample rate converter LSI. It supports 16/20/24-bit
word-length input/output interface data. It also features a built-in digital deemphasis filter and direct mute
functions.
FEATURES
Functions
I
L/R 2-channel (stereo) processing
I
Input sample rate range: 20kHz to 100kHz
I
Output sample rate range: 30kHz to 50kHz
I
Operating sample rate conversion ratio (fso/fsi)*1
: 0.45 to 2.205 selectable
*1: fsi = input sample rate
fso = output sample rate
I
Asynchronous input and output clock timing
I
System clock input
• Input system clock: 1fsi (LRCI)
• Output system clock: 512fso (SCKO input)
I
Deemphasis filter function
• IIR-type filter
• fsi = 44.1kHz, 48kHz, 32kHz compatible
I
Direct mute function
I
Through mode operation
• Direct connection from input to output
I
Output data clocks (LRCO, BCKO)
• Slave mode: external inputs
• Master mode: derived from the output system
clock (SCKO)
I
Computation round-off processing
• Normal round-off
I
5V tolerant input pins for direct connection to 5V
operation devices
I
3.3V single supply
I
Package: 24-pin SSOP
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Weight: 0.23g
Note: Dimensions without tolerance are reference values.
Device
Package
SM5950AM
24-pin SSOP
LRCI 1
BCKI 2
DI 3
TMOD0 4
RSTN 5
VDD 6
IISI 7
IMOD0 8
IMOD1 9
DEEM 10
FS0 11
FS1 12
24
23
22
21
20
19
18
17
16
15
14
13
LRCO
BCKO
DOUT
SLAVE
SCKO
VSS
IISO
OMOD0
OMOD1
TMOD1
THROU
DMUTE
10.20 ± 0.30
10.05 ± 0.20
0.36 ± 0.10
0.8
0.12 M
0.10
0 to 10
0.15 − 0.05
+ 0.10


Similar Part No. - SM5950AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
More results

Similar Description - SM5950AM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
Asynchronous Sample Rate Converter
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com