Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5950AM Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5950AM
Description  Asynchronous Sample Rate Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5950AM Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5950AM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5950AM Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
SM5950AM
NIPPON PRECISION CIRCUITS INC.—11
System Reset (RSTN)
The SM5950AM must be reset if any of the following conditions occur during normal operation. A reset pulse
is a LOW-level pulse applied to RSTN, although the reset operation actually occurs on the rising edge of the
LOW-level pulse.
I
When the power supply is applied
A reset (RSTN = LOW to HIGH) is required when the power supply voltage is applied and after the LRCI,
BCKI, SCKO (and LRCO, BCKO if in slave mode) clocks have stabilized.
I
When the LRCI and BCKI clocks are interrupted
This occurs when the sampling frequency is switched, when clocks stop due to a condition in a previous stage,
when the LRCI, BCKI clocks are dynamically switched, or when otherwise the clocks are not continuous.
A reset (RSTN = LOW to HIGH) is required after the LRCI, BCKI clocks have stabilized.
I
When the SCKO (and LRCO, BCKO if in slave mode) clocks are interrupted
This occurs when the sampling frequency is switched, when clocks stop due to a condition in a previous stage,
when the SCKO, LRCO, BCKO clocks are dynamically switched, or when otherwise the clocks are not contin-
uous.
A reset (RSTN = LOW to HIGH) is required after the SCKO, LRCO, BCKO clocks have stabilized.
A reset pulse is required under these conditions because the conversion ratio calculated based on such non-con-
tinuous clocks will result in an incorrect conversion ratio, and hence the output data will have incorrect values.
Output state during reset interval
DOUT is tied LOW during the reset interval (refer to section "Direct Mute" for operation after the reset is
released). In master mode, the LRCO and BCKO clocks are also tied LOW.
Direct Mute (DMUTE)
Direct mute ON/OFF
Other mute operations
Direct mute also occurs at system reset.
DMUTE
Function
L
Audio data output starts from the next output word.
H
0 data is output from the next output word.
RSTN
Function
L
0 data is output from the next output word.
H
Computed data output starts after 8 output word cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com