Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT5508WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5508WSC Datasheet HTML 1Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 2Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 3Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 4Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 5Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 6Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 7Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 8Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
4
Absolute Maximum Ratings
(Note 1)
VBAT, VBST, VINB, PVDD ------------------------------------------------------------------------------
–0.3 to 6V
DVDD ---------------------------------------------------------------------------------------------------------
–0.3 to 2.5V
LRCK, BCK, DATA I/O------------------------------------------------------------------------------------
–0.3 to (DVDD + 0.3V)
SCL, SDA ----------------------------------------------------------------------------------------------------
–0.3 to 6V
Power Dissipation, PD @ TA = 25C
WL-CSP-29B 2.87x2.07 (BSC) -------------------------------------------------------------------------
3W
Package Thermal Resistance
(Note 2)
WL-CSP-29B 2.87x2.07 (BSC),
JA ------------------------------------------------------------------- 33.3C/W
Lead Temperature (Soldering, 10 sec.)---------------------------------------------------------------
260C
Junction Temperature -------------------------------------------------------------------------------------
150C
Storage Temperature Range ----------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------
2kV
Recommended Operating Conditions
(Note 4)
Ambient Temperature Range----------------------------------------------------------------------------
40C to 85C
Junction Temperature Range ---------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VBAT = 3.6V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supplies
Speaker Amp Supply Voltage PVDD
2.7
3.6
5.5
V
Battery Supply Voltage
VBAT
2.7
3.6
5.3
V
Boost Converter Input
Voltage
VINB
2.7
--
5.3
V
Shutdown Current (VBAT)
ISD_VBAT
VBAT = 2.7 to 5.3V, DVDD = 1.8V
--
2
5
A
VBAT = 2.7 to 5.3V, DVDD = 0V
--
1
2
Shutdown Current (DVDD)
ISD_DVDD VBAT = 2.7 to 5.3V, DVDD = 1.8V
--
10
20
A
Offset Voltage
Vos
PVDD = 2.7 to 5.3V
--
1
--
mV
DAC to Stereo Speaker Amplifier
Signal to Noise Ratio
SNR
PVDD = 5.3V, THD+N < 1%, DA Gain =
12dB, A-Weighting
--
96
--
dB
Noise level
Vn
DA Gain = 0dB, A-Weighting
--
20
--
V
DA Gain = 12dB, A-Weighting
--
60
--
Total Harmonic Distortion +
Noise
THD+N
1kHz, Po = 350mW, 8
, load
--
65
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com