Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT5508WSC Datasheet(PDF) 55 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 55 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 49Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 50Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 51Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 52Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 53Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 54Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 55Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 56Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 57Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS5508-01
March
2017
www.richtek.com
55
The output ripple can be determined as following
equation :
OUT
S
OUT
IN
S
OUT
C_esr
OUT
Boost
D I
T
I
V
D T
ΔV
=
+ (
+
)
r
η C
1-D
2 L
 

For the application of the RT5508 to boost VBAT to
5.3V, a 10
F for input capacitor, an 22F for boost
capacitor and a 100nF for DVDD decoupling capacitor
are recommended.
RL ()
Value (
F)
Manufacturer
Part Number
Description
Size/Height (mm)
8
10 (2pcs)
Murata
GRM188R61E106M
X5R/15%/25V
0603/0.8
8
22
Murata
GRM219R61C226ME15
X5R/15%/16V
0805/0.85
6
10 (2pcs)
Murata
GRM188R61E106M
X5R/15%/25V
0603/0.8
6
22
Murata
GRM219R61C226ME15
X5R/15%/16V
0805/0.85
Filter Free Operation and Ferrite Bead Filters
A ferrite bead filter can often be used if the design is
failing radiated emissions without an LC filter and the
frequency sensitive circuit is greater than 1MHz. This
filter functions well for circuits that just have to pass
FCC and CE because FCC and CE only test radiated
emissions greater than 30MHz. When choosing a
ferrite bead, choose one with high impedance at high
frequencies, and low impedance at low frequencies.
Typically, impedance rises over 150
 before 30MHz to
provide at least
20dB decade is minimum requirement
(such as TDK : MPZ1608S221A). In addition, select a
ferrite bead with adequate current rating to prevent
distortion of the output signal.
Figure 24
Ferrite Chip Bead
OUTP
OUTN
1nF
Ferrite Chip Bead
1nF
Figure 25
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding
airflow, and the difference between the junction and
ambient
temperatures.
The
maximum
power
dissipation can be calculated using the following
formula :
PD(MAX) = (TJ(MAX)  TA) / JA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and JA is the
junction-to-ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating
Conditions
is
125
C. The junction-to-
ambient thermal resistance,
JA, is highly package
dependent.
For
WL-CSP-29B
2.87x2.07
(BSC)
package, the thermal resistance,
JA, is 33.3C/W on a
standard
JEDEC
51-7
high
effective-thermal-
conductivity four-layer test board. The maximum power
dissipation at TA = 25C can be calculated as below :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com