Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT5508WSC Datasheet(PDF) 48 Page - Richtek Technology Corporation

Part # RT5508WSC
Description  Speaker Amplifier with Speaker Protection
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5508WSC Datasheet(HTML) 48 Page - Richtek Technology Corporation

Back Button RT5508WSC Datasheet HTML 44Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 45Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 46Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 47Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 48Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 49Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 50Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 51Page - Richtek Technology Corporation RT5508WSC Datasheet HTML 52Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
RT5508
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS5508-01
March
2017
48
ADDR
Byte
Bits
R/W
Name
Description
Default
0xA2
1
7:6
-
Reserved
-
4:0
R/W
spk_rpt_sel[4:0]
0x00 : Limiter gain = spk_rpt * 16
0x01 : ALC gain = spk_rpt * 16
0x02 : Gain information = spk_rpt
0x03 : Voltage output w/o pilot =
spk_rpt * 16
0x04 : Voltage output w/I pilot =
spk_rpt
0x05 : Corrent sense result = spk_rpt
0x06 : (voltage output w/I pilot) *
current sense = spk_rpt * 16
0x07 : ATC gain = spk_rpt * 16
0x08 : Voltage delay = spk_rpt * 16
0x09 : Estimated current = spk_rpt *
16
0x0a : Estimated current error =
spk_rpt * 16
0x0b: Estimated velocity = spk_rpt *
16
0x0c: Estimated excursion = spk_rpt *
16
0x0d: Estimated Resistor = spk_rpt *
16
0x0e: Input signal peak = spk_rpt * 16
0x0f : Excursion peak = spk_rpt * 16
0x10
: phi1 = spk_rpt * 16π
0x11 : phi2 = spk_rpt *
16π
0x12
: phi3 = spk_rpt * 16π
0x13
: phi4 = spk_rpt * 16π
0x14
: phi5 = spk_rpt * 16π
0x15 : adaptive b0 = spk_rpt * 16
0x16 : adaptive b1 = spk_rpt * 16
0x17 : adaptive b2 = spk_rpt * 16
0x18 : adaptive b3 = spk_rpt * 16
0x19 : adaptive b4 = spk_rpt * 16
0x1a : adaptive b5 = spk_rpt * 16
0x1b : tx_data = spk_rpt
0x1c : rx_pilot = spk_rpt
0x1d : tx_pilot = spk_rpt
0x1e : Digital maximum allowable
absolute data = spk_rpt * 16
0x1f : single_tone = spk_rpt[23]
active = spk_rpt[22]
silence = spk_rpt[21]
dmgRes = spk_rpt[20]
dmgFreq = spk_rpt[19]
damage = spk_rpt[18]
acq = spk_rpt[17]
spkE = spk_rpt[16]
cntr10ms = spk_rpt[8:0]
5'h02
0xA3
3
23:0
R
spk_rpt[23:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com