Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN91C100FDREVB Datasheet(PDF) 26 Page - SMSC Corporation

Part # LAN91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FDREVB Datasheet(HTML) 26 Page - SMSC Corporation

Back Button LAN91C100FDREVB Datasheet HTML 22Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 23Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 24Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 25Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 26Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 27Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 28Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 29Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 26
Rev. 05/31/2000
BANK 1
OFFSET
NAME
TYPE
SYMBOL
4 THROUGH 9
INDIVIDUAL ADDRESS REGISTERS
READ/WRITE
IAR
These registers are loaded starting at word location 20h of the EEPROM upon hardware reset or EEPROM reload. The
registers can be modified by the software driver, but a STORE operation will not modify the EEPROM Individual Address
contents. Bit 0 of Individual Address 0 register corresponds to the first bit of the address on the cable.
LOW
BYTE
ADDRESS 0
0
0
0
0
0
0
0
0
HIGH
BYTE
ADDRESS 1
0
0
0
0
0
0
0
0
LOW
BYTE
ADDRESS 2
0
0
0
0
0
0
0
0
HIGH
BYTE
ADDRESS 3
0
0
0
0
0
0
0
0
LOW
BYTE
ADDRESS 4
0
0
0
0
0
0
0
0
HIGH
BYTE
ADDRESS 5
0
0
0
0
0
0
0
0
BANK 1
OFFSET
NAME
TYPE
SYMBOL
A
GENERAL PURPOSE REGISTER
READ/WRITE
GPR
HIGH
BYTE
HIGH DATA BYTE
0
0
0
0
0
0
0
0
LOW
BYTE
LOW DATA BYTE
0
0
0
0
0
0
0
0
This register can be used as a way of storing and retrieving non-volatile information in the EEPROM to be used by the
software driver. The storage is word oriented, and the EEPROM word address to be read or written is specified using the
six lowest bits of the Pointer Register.
This register can also be used to sequentially program the Individual Address area of the EEPROM, that is normally
protected from accidental Store operations.
This register will be used for EEPROM read and write only when the EEPROM SELECT bit in the Control Register is set.
This allows generic EEPROM read and write routines that do not affect the basic setup of the LAN91C100FD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com