Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN91C100FDREVB Datasheet(PDF) 36 Page - SMSC Corporation

Part # LAN91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FDREVB Datasheet(HTML) 36 Page - SMSC Corporation

Back Button LAN91C100FDREVB Datasheet HTML 32Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 33Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 34Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 35Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 36Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 37Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 38Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 39Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 36
Rev. 05/31/2000
nRXDISC PIN COUNTER - 8-bit counter increments when a packet is discarded due to the nRXDISC pin being active.
This counter will be reset to 00 when read. A count of FF will set the RX_DISC INT. The count will wrap around to 00 after
FF.
RCV DISCRD - Set to discard a packet being received. Will discard packets only in the process of being received. When
set prior to the end of receive packet, bit 4 (RXOVRN) of the interrupt status register will be set to indicate that the packet
was discarded. Otherwise, the packet will be received normally and bit 0 set (RCVINT) in the interrupt status register. RCV
DISCRD is self clearing.
ERCV THRESHOLD - Threshold for ERCV interrupt. Specified in 64 byte multiples. Whenever the number of bytes written
in memory for the presently received packet exceeds the ERCV THRESHOLD, ERCV INT bit of the INTERRUPT STATUS
REGISTER is set.
BANK7
OFFSET
NAME
TYPE
SYMBOL
0 THROUGH 7
EXTERNAL REGISTERS
nCSOUT is driven low by the LAN91C100FD when a valid access to the EXTERNAL REGISTER range occurs.
HIGH
BYTE
EXTERNAL R/W REGISTER
LOW
BYTE
EXTERNAL R/W REGISTER
CYCLE
nCSOUT
LAN91C100FD DATA BUS
AEN=0
A3=0
A4-15 matches I/O BASE
BANK SELECT = 7
Driven low. Transparently latched on
nADS rising edge.
Ignored on writes.
Tri-stated on reads.
BANK SELECT = 4,5,6
High
Ignore cycle.
Otherwise
High
Normal LAN91C100FD cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com