Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LAN91C100FDREVB Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FDREVB Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN91C100FDREVB Datasheet HTML 31Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 32Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 33Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 34Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 35Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 36Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 37Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 38Page - SMSC Corporation LAN91C100FDREVB Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 35
Rev. 05/31/2000
BANK 3
OFFSET
NAME
TYPE
SYMBOL
8
MANAGEMENT INTERFACE
READ/WRITE
MGMT
HIGH
BYTE
FLTST
MSK_
CRS100
0
0
1
1
0
0
1
1
LOW
BYTE
MDOE
MCLK
MDI
MDO
0
0
1
1
0
0
MDI Pin
0
FLTST - Facilitates the inclusion of packet forwarding information on the receive packet memory structure. When 0, RD0-
RD7 is always driven. When 1, RD0-RD7 is floated during RECEIVE FRAME STATUS WORD writes (RA2-RA16=0,
RCVDMA=1, nRWE0-nRWE3=0).
MSK_CRS100 - Disables CRS100 detection during transmit in half duplex mode (SWFDUP=0).
MDO - MII Management output. The value of this bit drives the MDO pin.
MDI - MII Management input. The value of the MDI pin is readable using this bit.
MDCLK - MII Management clock. The value of this bit drives the MDCLK pin.
MDOE - MII Management output enable. When high pin MDO is driven, when low pin MDO is tri-stated.
The purpose of this interface, along with the corresponding pins is to implement MII PHY management in software.
BANK 3
OFFSET
NAME
TYPE
SYMBOL
A
REVISION REGISTER
READ ONLY
REV
HIGH
BYTE
0
0
1
1
0
0
1
1
LOW
BYTE
CHIP
REV
1
0
0
0
0
0
0
0
CHIP - Chip ID. Can be used by software drivers to identify the device used.
REV - Revision ID. Incremented for each revision of a given device.
OFFSET
NAME
TYPE
SYMBOL
C
EARLY RCV REGISTER
READ/WRITE
ERCV
HIGH
BYTE
nRXDISC PIN COUNTER
0
0
0
0
0
0
0
0
LOW
BYTE
RCV
DISCRD
0
0
ERCV THRESHOLD
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com