Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3830ES Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3830ES
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830ES Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3830ES Datasheet HTML 5Page - Linear Technology LTC3830ES Datasheet HTML 6Page - Linear Technology LTC3830ES Datasheet HTML 7Page - Linear Technology LTC3830ES Datasheet HTML 8Page - Linear Technology LTC3830ES Datasheet HTML 9Page - Linear Technology LTC3830ES Datasheet HTML 10Page - Linear Technology LTC3830ES Datasheet HTML 11Page - Linear Technology LTC3830ES Datasheet HTML 12Page - Linear Technology LTC3830ES Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC3830/LTC3830-1
sn3830 3830fs
APPLICATIO S I FOR ATIO
Similarly, the MAX comparator forces the output to 0%
duty cycle if the feedback signal is greater than 40mV
above the internal reference. To prevent these two com-
parators from triggering due to noise, the MIN and MAX
comparators’ response times are deliberately delayed by
two to three microseconds. These two comparators help
prevent extreme output perturbations with fast output
load current transients, while allowing the main feedback
loop to be optimally compensated for stability.
Thermal Shutdown
The LTC3830/LTC3830-1 have a thermal protection cir-
cuit that disables both gate drivers if activated. If the chip
junction temperature reaches 150
°C, both G1 and G2 are
pulled low. G1 and G2 remain low until the junction
temperature drops below 125
°C, after which, the chip
resumes normal operation.
Soft-Start and Current Limit
The 16-lead LTC3830 devices include a soft-start circuit
that is used for start-up and current limit operation. The
LTC3830-1 only has the soft-start function; the current
limit function is disabled. The 8-lead LTC3830 has both the
soft-start and current limit function disabled. The SS pin
requires an external capacitor, CSS, to GND with the value
determined by the required soft-start time. An internal
12
µA current source is included to charge CSS. During
power-up, the COMP pin is clamped to a diode drop (B-E
junction of QSS in the Block Diagram) above the voltage at
the SS pin. This prevents the error amplifier from forcing
the loop to maximum duty cycle. The LTC3830/LTC3830-1
operate at low duty cycle as the SS pin rises above 0.6V
(VCOMP ≈ 1.2V). As SS continues to rise, QSS turns off and
the error amplifier takes over to regulate the output. The
MIN comparator is disabled during soft-start to prevent it
from overriding the soft-start function.
The 16-lead LTC3830 devices include yet another feed-
back loop to control operation in current limit. Just before
every falling edge of G1, the current comparator, CC,
samples and holds the voltage drop measured across the
external upper MOSFET, Q1, at the IFB pin. CC compares
the voltage at IFB to the voltage at the IMAX pin. As the peak
current rises, the measured voltage across Q1 increases
due to the drop across the RDS(ON) of Q1. When the voltage
at IFB drops below IMAX, indicating that Q1’s drain current
has exceeded the maximum level, CC starts to pull current
out of CSS, cutting the duty cycle and controlling the output
current level. The CC comparator pulls current out of the
SS pin in proportion to the voltage difference between IFB
and IMAX. Under minor overload conditions, the SS pin
falls gradually, creating a time delay before current limit
takes effect. Very short, mild overloads may not affect the
output voltage at all. More significant overload conditions
allow the SS pin to reach a steady state, and the output
remains at a reduced voltage until the overload is re-
moved. Serious overloads generate a large overdrive at
CC, allowing it to pull SS down quickly and preventing
damage to the output components. By using the RDS(ON)
of Q1 to measure the output current, the current limiting
circuit eliminates an expensive discrete sense resistor that
would otherwise be required. This helps minimize the
number of components in the high current path.
The current limit threshold can be set by connecting an
external resistor RIMAX from the IMAX pin to the main VIN
supply at the drain of Q1. The value of RIMAX is determined
by:
RIMAX = (ILMAX)(RDS(ON)Q1)/IIMAX
where:
ILMAX = ILOAD + (IRIPPLE/2)
ILOAD = Maximum load current
IRIPPLE = Inductor ripple current
= ()(
)
()()( )
VV
V
fL
V
IN
OUT
OUT
OSC
O
IN
–
fOSC = LTC3830 oscillator frequency = 200kHz
LO = Inductor value
RDS(ON)Q1 = On-resistance of Q1 at ILMAX
IIMAX= Internal 12µA sink current at IMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com