Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3830ES Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3830ES
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830ES Datasheet(HTML) 1 Page - Linear Technology

  LTC3830ES Datasheet HTML 1Page - Linear Technology LTC3830ES Datasheet HTML 2Page - Linear Technology LTC3830ES Datasheet HTML 3Page - Linear Technology LTC3830ES Datasheet HTML 4Page - Linear Technology LTC3830ES Datasheet HTML 5Page - Linear Technology LTC3830ES Datasheet HTML 6Page - Linear Technology LTC3830ES Datasheet HTML 7Page - Linear Technology LTC3830ES Datasheet HTML 8Page - Linear Technology LTC3830ES Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC3830/LTC3830-1
sn3830 3830fs
High Power Step-Down
Synchronous DC/DC Controllers
for Low Voltage Operation
s
High Power Switching Regulator Controller
for 3.3V-5V to 1.xV-3.xV Step-Down Applications
s
No Current Sense Resistor Required
s
Low Input Supply Voltage Range: 3V to 8V
s
Maximum Duty Cycle > 91% Over Temperature
s
All N-Channel External MOSFETs
s
Excellent Output Regulation:
±1% Over Line, Load
and Temperature Variations
s
High Efficiency: Over 95% Possible
s
Adjustable or Fixed 3.3V Output (16-Pin Version)
s
Programmable Fixed Frequency Operation: 100kHz to
500kHz
s
External Clock Synchronization
s
Soft-Start (Some Versions)
s
Low Shutdown Current: <10
µA
s
Overtemperature Protection
s
Available in S8, S16 and SSOP-16 Packages
s
CPU Power Supplies
s
Multiple Logic Supply Generator
s
Distributed Power Applications
s
High Efficiency Power Conversion
The LTC
®3830/LTC3830-1 are high power, high effi-
ciency switching regulator controllers optimized for
3.3V-5V to 1.xV-3.xV step-down applications. A preci-
sion internal reference and feedback system provide
±1% output regulation over temperature, load current
and line voltage variations. The LTC3830/LTC3830-1 use
a synchronous switching architecture with N-channel
MOSFETs. Additionally, the chip senses output current
through the drain-source resistance of the upper
N-channel FET, providing an adjustable current limit
without a current sense resistor.
The LTC3830/LTC3830-1 operate with an input supply
voltage as low as 3V and with a maximum duty cycle of
>91% over temperature. They include a fixed frequency
PWM oscillator for low output ripple operation. The 200kHz
free-running clock frequency can be externally adjusted or
synchronizedwithanexternalsignalfrom100kHzto500kHz.
In shutdown mode, the LTC3830 supply current drops to
<10
µA. The LTC3830-1 differs from the LTC3830 S8 ver-
sion by replacing shutdown with a soft-start function.
For a similar, pin compatible DC/DC converter with an
output voltage as low as 0.6V, please refer to the LTC3832.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Figure 1. High Efficiency 3V-8V to 1.8V Power Converter
+
+
0.01
µF
15k
SS
COMP
GND
FB
PVCC2
G1
PVCC1
G2
LTC3830-1
12V
3.3nF
0.1
µF
4.7
µF
M1
Si7806DN
4.7
µF
B320A
220
µF
10V
1.8V
9A
L
3.2
µH
M2
Si7806DN
L: SUMIDA CDEP105-3R2MC-88
COUT: PANASONIC EEFUEOD271R
COUT
270
µF
2V
3830 F01
5.1
Ω
VIN
3V TO 8V
12.7k 1%
5.36k 1%
LOAD CURRENT (A)
40
60
80
100
50
70
90
24
6
8
3830 TA02
10
1
03
5
7
9
VIN = 3.3V
VOUT = 1.8V
Efficiency
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC3830ES

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3830-1 LINER-LTC3830-1_15 Datasheet
275Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results

Similar Description - LTC3830ES

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3832 LINER-LTC3832 Datasheet
316Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830-1 LINER-LTC3830-1_15 Datasheet
275Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832_15 Datasheet
326Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com