Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3830ES Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3830ES
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830ES Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3830ES Datasheet HTML 3Page - Linear Technology LTC3830ES Datasheet HTML 4Page - Linear Technology LTC3830ES Datasheet HTML 5Page - Linear Technology LTC3830ES Datasheet HTML 6Page - Linear Technology LTC3830ES Datasheet HTML 7Page - Linear Technology LTC3830ES Datasheet HTML 8Page - Linear Technology LTC3830ES Datasheet HTML 9Page - Linear Technology LTC3830ES Datasheet HTML 10Page - Linear Technology LTC3830ES Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC3830/LTC3830-1
sn3830 3830fs
PI FU CTIO S
FREQSET (Pin 11/NA/NA): Frequency Set. Use this pin to
adjust the free-running frequency of the internal oscillator.
With the pin floating, the oscillator runs at about 200kHz.
A resistor from FREQSET to ground speeds up the oscil-
lator; a resistor to VCC slows it down.
IMAX (Pin 12/NA/NA): Current Limit Threshold Set. IMAX
sets the threshold for the internal current limit compara-
tor. If IFB drops below IMAX with G1 on, the LTC3830 goes
into current limit. IMAX has an internal 12µA pull-down to
GND. Connect this pin to the main VIN supply at the drain
of Q1, through an external resistor to set the current limit
threshold. Connect a 0.1
µF decoupling capacitor across
this resistor to filter switching noise.
IFB (Pin 13/NA/NA): Current Limit Sense. Connect this pin
to the switching node at the source of Q1 and the drain of
Q2 through a 1k resistor. The 1k resistor is required to
prevent voltage transients from damaging IFB.This pin is
used for sensing the voltage drop across the upper
N-channel MOSFET, Q1.
VCC (Pin 14/Pin 7/Pin 7): Power Supply Input. All low
power internal circuits draw their supply from this pin.
Connect this pin to a clean power supply, separate from
the main VIN supply at the drain of Q1. This pin requires a
4.7
µF bypass capacitor. The LTC3830-1 and the 8-lead
LTC3830 have VCC and PVCC2 tied together at Pin 7 and
require a 10
µF bypass capacitor to GND.
PVCC2 (Pin 15/Pin 7/Pin 7): Power Supply Input for G2.
Connect this pin to the main high power supply.
G2 (Pin 16/Pin 8/Pin 8): Bottom Gate Driver Output.
Connect this pin to the gate of the lower N-channel
MOSFET, Q2. This output swings from PGND to PVCC2. It
remains low when G1 is high or during shutdown mode.
To prevent output undershoot during a soft-start cycle, G2
is held low until G1 first goes high. (FFBG in Block
Diagram.)
BLOCK DIAGRA
–
+
–
+
–
+
R
S
PVCC1
G1
PVCC2
G2
PGND
FB
SENSE+
VREF
VREF – 3%
VREF + 3%
18k
11.2k
SENSE–
3830 BD
BG
Q
Q
R
POR
FFBG
ENABLE
G2
SQ
PWM
QSS
VREF
VREF – 3%
VREF + 3%
MAX
MIN
ERR
12
µA
INTERNAL
OSCILLATOR
100
µs DELAY
SHDN
FREQSET
COMP
SS
POWER DOWN
DISABLE GATE DRIVE
LOGIC AND
THERMAL SHUTDOWN
+
–
CC
12
µA
IMAX
IFB
VCC
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com