Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4211CMS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4211CMS
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CMS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4211CMS Datasheet HTML 13Page - Linear Technology LTC4211CMS Datasheet HTML 14Page - Linear Technology LTC4211CMS Datasheet HTML 15Page - Linear Technology LTC4211CMS Datasheet HTML 16Page - Linear Technology LTC4211CMS Datasheet HTML 17Page - Linear Technology LTC4211CMS Datasheet HTML 18Page - Linear Technology LTC4211CMS Datasheet HTML 19Page - Linear Technology LTC4211CMS Datasheet HTML 20Page - Linear Technology LTC4211CMS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17
LTC4211
4211f
or by actively limiting the inrush current. The LTC4211
uses GATE voltage slew rate limiting when CLOAD is small
and/or the inrush current limit is set high. If GATE voltage
slew rate control is preferred with large CLOAD, an external
capacitor (CGX) can be used from GATE to ground, as
shown in Figure 7. According to Equation 3, adding CGX
slows the GATE voltage slew rate at the expense of slower
system turn-on and turn-off time. Should this technique
be used, values for CGX less than 150nF are recommended.
trips, the GATE pin is immediately pulled to ground, the
external N-channel MOSFET is quickly turned OFF and
FAULT is latched low.
The circuit breaker trips whenever the voltage across the
sense resistor exceeds two different levels, set by the
LTC4211’s SLOW COMP and FAST COMP thresholds (see
Block Diagram). The SLOW COMP trips the circuit breaker
if the voltage across the SENSE resistor (VCC – VSENSE =
VCB) is greater than 50mV for 20µs. There may be appli-
cations where this comparator’s response time is not long
enough, for example, because of excessive supply voltage
noise. To adjust the response time of the SLOW COMP, the
MS version of the LTC4211 is chosen and a capacitor is
used at the LTC4211’s FILTER pin (see section on Adjust-
ing SLOW Comp’s Response Time). The FAST COMP trips
the circuit breaker to protect against fast load overcurrents
if the transient voltage across the sense resistor is greater
than 150mV for 300ns. The response time of the LTC4211’s
FAST COMP is fixed.
The timing diagram of Figure 6 illustrates when the
LTC4211’s electronic circuit breaker is armed. After the
first timing cycle, the LTC4211’s FAST COMP is armed at
Time Point 5. Arming FAST COMP at Time Point 5 ensures
that the system is protected against a short-circuit
condition during the second timing cycle after CLOAD has
been fully charged. At Time Point 7, SLOW COMP is
armed when the internal control loop is disengaged.
The timing diagrams in Figures 8 and 9 illustrate the opera-
tion of the LTC4211 when the load current conditions exceed
the thresholds of the FAST COMP (VCB(FAST) > 150mV)
and SLOW COMP (VCB(SLOW) > 50mV), respectively.
RESETTING THE ELECTRONIC CIRCUIT BREAKER
Once the LTC4211’s circuit breaker is tripped, FAULT is
asserted low and the GATE pin is pulled to ground. The
LTC4211 remains latched OFF in this fault state until the
external fault is cleared. To clear the internal fault detect
circuitry and to restart the LTC4211, its ON pin must be
driven low (VON < 1.236V) for at least 150µs, after which
time FAULT goes high. Toggling the ON pin from low to
high (VON > 1.316V) initiates a restart sequence in the
LTC4211. The timing diagram in Figure 10 illustrates a
OPERATIO
M1
Si4410DY
RSENSE
0.007
Ω
CGX*
CLOAD
4211 F07
+
VCC
SENSE
LTC4211**
GATE
FB
R1
36k
VOUT
5V
5A
VIN
5V
R2
15k
*
**
VALUES
≤150nF SUGGESTED
ADDITIONAL DETAILS OMITTED
FOR CLARITY
=
dVGATE
dt
VGATE SLEW RATE CONTROL
10
µA
CGATE + CGX
()
Figure 7. Using an External Capacitor at GATE for
GATE Voltage Slew Rate Control and Large CLOAD
An external gate capacitor may also be useful to decrease
or eliminate current spikes through the MOSFET when
power is first applied. At power-up, the instantaneous in-
put voltage step attempts to pull the MOSFET gate up
through the MOSFET’s drain-to-gate capacitance. If the
MOSFET’s CGS is small, the gate can be pulled up high
enough to turn on the MOSFET, thereby allowing a current
spike to the output. This event occurs during the time that
the LTC4211 is coming out of UVLO and getting its intel-
ligence to hold the GATE pin low. An external capacitor
attenuates the voltage to which the GATE is pulled up and
eliminates the current spike. The value required is depen-
dent on the MOSFET capacitance specifications. In typical
applications, this capacitor is not required.
ELECTRONIC CIRCUIT BREAKER
The LTC4211 features an electronic circuit breaker func-
tion that protects against supply overvoltage, externally-
generated fault conditions and shorts or excessive load
current conditions on the supply. If the circuit breaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com