Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4211CMS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4211CMS
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CMS Datasheet(HTML) 4 Page - Linear Technology

  LTC4211CMS Datasheet HTML 1Page - Linear Technology LTC4211CMS Datasheet HTML 2Page - Linear Technology LTC4211CMS Datasheet HTML 3Page - Linear Technology LTC4211CMS Datasheet HTML 4Page - Linear Technology LTC4211CMS Datasheet HTML 5Page - Linear Technology LTC4211CMS Datasheet HTML 6Page - Linear Technology LTC4211CMS Datasheet HTML 7Page - Linear Technology LTC4211CMS Datasheet HTML 8Page - Linear Technology LTC4211CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
LTC4211
4211f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Undervoltage Lockout Threshold
vs Temperature
SUPPLY VOLTAGE (V)
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
16
4211 G01
4
8
12
20
14
2
6
10
18
TA = 25°C
TEMPERATURE (
°C)
–75
2.0
2.5
3.0
125
4211 G02
1.5
1.0
0
–25
25
75
–50
150
0
50
100
0.5
4.0
3.5
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
TEMPERATURE (
°C)
–75
2.0
2.1
2.3
2.4
2.5
–25
25
50
150
4211 G03
2.2
–50
0
75 100 125
FALLING EDGE
RISING EDGE
ON Pin Threshold
vs Supply Voltage
ON Pin Threshold
vs Temperature
GATE Voltage vs Supply Voltage
SUPPLY VOLTAGE (V)
1.10
1.20
1.30
1.40
1.15
1.25
1.35
4
8
12
16
4211 G04
20
2
0
6
10
14
18
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD
TEMPERATURE (
°C)
–75
1.10
1.15
1.25
1.30
1.35
–25
25
50
150
4211 G05
1.20
–50
0
75 100 125
1.40
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
SUPPLY VOLTAGE (V)
0
10
20
30
5
15
25
4
8
12
16
4211 G06
20
2
0
6
10
14
18
TA = 25°C
GATE Voltage vs Temperature
VGATE – VCC vs Supply Voltage
VGATE – VCC vs Temperature
TEMPERATURE (
°C)
–75
0
5
15
20
25
–25
25
50
150
4211 G07
10
–50
0
75 100 125
30
VCC = 15V
VCC = 12V
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
0
0
2
6
8
10
12 14 16 18
18
4211 G08
4
2
4
6
8
10
20
12
14
16
TA = 25°C
TEMPERATURE (
°C)
–75
0
2
6
8
10
75
18
4211 G09
4
0
150
25
–50
100
50
–25
125
12
14
16
VCC = 12V
VCC = 15V
VCC = 5V
VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com