Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4211CMS Datasheet(PDF) 31 Page - Linear Technology

Part # LTC4211CMS
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CMS Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC4211CMS Datasheet HTML 27Page - Linear Technology LTC4211CMS Datasheet HTML 28Page - Linear Technology LTC4211CMS Datasheet HTML 29Page - Linear Technology LTC4211CMS Datasheet HTML 30Page - Linear Technology LTC4211CMS Datasheet HTML 31Page - Linear Technology LTC4211CMS Datasheet HTML 32Page - Linear Technology LTC4211CMS Datasheet HTML 33Page - Linear Technology LTC4211CMS Datasheet HTML 34Page - Linear Technology LTC4211CMS Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
LTC4211
4211f
FAULT is asserted low (but not latched) to indicate a start-
up failure. Only if the input overvoltage condition is re-
moved before Time Point 5 does the start-up sequence
resume at the second timing cycle. At this point in time, the
GATE pin voltage is allowed to ramp up, FAULT is pulled
to logic high and the circuit breaker is armed. Should, at
any time after Time Point 5, a supply overvoltage condition
develop (VFILTER > 1.236V), the electronic circuit breaker
will trip, the GATE will be pulled low to turn off the external
MOSFET and FAULT will be asserted low and latched. This
sequence is shown in detail at Time Point B.
APPLICATIO S I FOR ATIO
Low Side (Output) Overvoltage Protection
A Zener diode can be used in a similar fashion to detect/
protect the system against a supply overvoltage condition
on the load (or low) side of the pass transistor. In this case,
the Zener diode is connected from the load to the LTC4211’s
FILTER pin, as shown in Figure 25. An additional diode,
D1, prevents the FILTER pin from pulling low during an
output short-circuit. Figure 26 illustrates the timing dia-
gram for a low side output overvoltage condition. In this
example, the LTC4211 can only sense the overvoltage
supply condition after Time Point 5 and the GATE pin has
Figure 24. High Side Overvoltage Protection
1
VCC
ON
TIMER
GATE
RESET
FILTER
>VREF – 80mV
FAULT
VOUT
GATE
VOUT
23
5
6
7
2A
4
8
A B C
SLOW COMPARATOR ARMED
IF OVERVOLTAGE GOES
AWAY, SECOND CYCLE
CONTINUES
OVERVOLTAGE
IF ANY FAULT HAPPENS
AFTER THIS POINT, THE
CIRCUIT BREAKER TRIPS
AND FAULT LATCHES LOW
OVERVOLTAGE CIRCUIT BREAKER
TRIPS, GATE PULLS DOWN AND
FAULT LATCHES LOW
FAULT IS PULLED LOW (BUT NOT LATCHED)
DUE TO A START-UP OVERVOLTAGE PROBLEM
POWER GOOD
VFB > VREF
POWER BAD
VFB < VREF
FPD
4211 F24
>VREF
FAULT
LATCHED LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com