Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89LPC933FDH Datasheet(PDF) 26 Page - NXP Semiconductors

Part # P89LPC933FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB/8 kB/16 kB 3 V byte-erasable Flash with 8-bit ADCs
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC933FDH Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button P89LPC933FDH Datasheet HTML 22Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 23Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 24Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 25Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 26Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 27Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC933FDH Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
9397 750 15113
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 06 — 20 June 2005
26 of 75
Philips Semiconductors
P89LPC933/934/935/936
8-bit microcontroller with accelerated two-clock 80C51 core
Fig 8.
Block diagram of oscillator control
÷2
002aab079
RTC
ADC1
ADC0
(P89LPC935/936)
CPU
WDT
DIVM
CCLK
UART
OSCCLK
I2C-BUS
PCLK
TIMER 0 AND
TIMER 1
HIGH FREQUENCY
MEDIUM FREQUENCY
LOW FREQUENCY
XTAL1
XTAL2
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz
±1 %)
PCLK
RCCLK
SPI
CCU
(P89LPC935/936)
32
× PLL
(400 kHz
+30 % −20 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com