Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDPF2D3N10C Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDPF2D3N10C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPF2D3N10C Datasheet(HTML) 5 Page - ON Semiconductor

  FDPF2D3N10C Datasheet HTML 1Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 2Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 3Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 4Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 5Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 6Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 7Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 8Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.onsemi.com
4
Figure 7.
0
10 203040 506070 8090 100 110 120
0
2
4
6
8
10
ID = 100 A
VDD = 75 V
VDD = 30 V
Qg, GATE CHARGE (nC)
VDD = 50 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
100
1
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs. Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1000
1
10
100
500
TJ = 125 oC
TJ = 25 oC
TJ = 150 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
25
50
75
100
125
150
175
0
40
80
120
160
200
240
RθJC = 0.7
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
Maximum Continuous Drain
Current vs. Case Temperature
Figure 11. Forward Bias Safe
0.1
1
10
100
400
0.1
1
10
100
1000
2000
100 μs
CURVE BENT TO
MEASURED DATA
10 μs
10 ms
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 0.7
oC/W
TC = 25
oC
Operating Area for FDP2D3N10C
Figure 12. Forward Bias Safe
0.1
1
10
100
400
0.1
1
10
100
1000
2000
100 μs
CURVE BENT TO
MEASURED DATA
10 μs
10 ms
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJC = 3.3
oC/W
TC = 25
oC
Operating Area for FDPF2D3N10C
Typical Characteristics T
J = 25 °C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com