Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDPF2D3N10C Datasheet(PDF) 8 Page - ON Semiconductor

Part # FDPF2D3N10C
Description  N-Channel Shielded Gate PowerTrench MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDPF2D3N10C Datasheet(HTML) 8 Page - ON Semiconductor

  FDPF2D3N10C Datasheet HTML 1Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 2Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 3Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 4Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 5Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 6Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 7Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 8Page - ON Semiconductor FDPF2D3N10C Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
B
4.90
4.50
16.00
15.60
10.05
9.45
3.40
3.20
3.28
3.08
B
10.36
9.96
1.47
1.24
0.90
0.70
0.45
0.25
30°
2.54
2.54
7.00
2.14
(3.23) B
1
3
SEE NOTE "F"
0.50 M A
A
B
2.66
2.42
B
16.07
15.67
2.96
2.56
B
0.60
0.45
0.70
6.88
6.48
1 X 45°
SEE NOTE "F"
NOTES:
A. EXCEPT WHERE NOTED CONFORMS TO
EIAJ SC91A.
B DOES NOT COMPLY EIAJ STD. VALUE.
C. ALL DIMENSIONS ARE IN MILLIMETERS.
D. DIMENSIONS ARE EXCLUSIVE OF BURRS,
MOLD FLASH AND TIE BAR PROTRUSIONS.
E. DIMENSION AND TOLERANCE AS PER ASME
Y14.5-1994.
F. OPTION 1 - WITH SUPPORT PIN HOLE.
OPTION 2 - NO SUPPORT PIN HOLE.
G. DRAWING FILE NAME: TO220M03REV5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com