Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS10N70H Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N70H
Description  N-CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N70H Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS10N70H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
R
JCS10N70H
版本:201510E
6/10
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
Operation in This Area
is Limited by R
DS(ON)
Note:
1 T
C=25
2 T
J=150
3 Single Pulse
10μs
1ms
100μs
10ms
100ms
DC
V
DS Drain-Source Voltage [V]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100ms
Operation in This Area
is Limited by R
DS(ON)
Note:
1 T
C=25
2 T
J=150
3 Single Pulse
10μs
1ms
100μs
10ms
DC
V
DS Drain-Source Voltage [V]
25
50
75
100
125
150
0
2
4
6
8
10
12
T
C Case Temperature [
]
Breakdown Voltage Variation
vs. Temperature
On-Resistance Variation
vs. Temperature
Maximum Drain Current
vs. Case Temperature
Maximum Safe Operating Area
For JCS10N70CH
-75
-50
-25
0
25
50
75
100
125
150
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Notes:
1. V
GS=0V
2. I
D=250μA
T
j [
]
-75
-50
-25
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Notes:
1. V
GS=10V
2. I
D=5.0A
T
j [
]
Maximum Safe Operating Area
For JCS10N70FH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com