Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS10N70H Datasheet(PDF) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS10N70H
Description  N-CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS10N70H Datasheet(HTML) 7 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Back Button JCS10N70H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS10N70H Datasheet HTML 10Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
R
JCS10N70H
版本:201510E
7/10
特征曲线 ELECTRICAL CHARACTERISTICS (curves)
1 E - 5
1 E - 4
1 E - 3
0 . 0 1
0 . 1
1
1 0
0 . 0 1
0 . 1
1
t 2
t 1
D = 0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
t
1
S q u a r e W a v e P u l s e D u r a t i o n [ s e c ]
s i n g l e p u l s e
0 . 0 1
N o t e s :
1 Z θ J C ( t ) = 0 . 5 3
/ W M a x
2 D u t y F a c t o r , D = t 1 / t 2
3 T J M - T c = P D M * Z θ J C ( t )
P
D M
1 E - 5
1 E - 4
1 E - 3
0 . 0 1
0 . 1
1
1 0
1 0 0
0 . 0 1
0 . 1
1
t 2
t 1
D = 0 . 5
0 . 2
0 . 1
0 . 0 5
0 . 0 2
t
1
S q u a r e W a v e P u l s e D u r a t i o n [ s e c ]
s i n g l e p u l s e
0 . 0 1
N o t e s :
1 Z θ
J C ( t ) = 2 . 5
/ W
M a x
2 D u t y F a c t o r , D = t 1 / t 2
3 T J M - T c = P D M * Z θ
J C ( t )
P
D M
Transient Thermal Response Curve
For JCS10N70FH
-75
-50
-25
0
25
50
75
100
125
150
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
Notes:
1. V
DS=VGS
2. I
D=50μA
T
j [
]
Normalized Gate Threshold
Voltage vs. Temperature
Maximum Avalanche Energy
vs. Temperature
0
25
50
75
100
125
150
0
100
200
300
400
500
Notes:
I
D=10A
T
j [
]
Transient Thermal Response Curve
For JCS10N70CH



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com