Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47B27X Datasheet(PDF) 49 Page - SMSC Corporation

Part # LPC47B27X
Description  100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B27X Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LPC47B27X Datasheet HTML 45Page - SMSC Corporation LPC47B27X Datasheet HTML 46Page - SMSC Corporation LPC47B27X Datasheet HTML 47Page - SMSC Corporation LPC47B27X Datasheet HTML 48Page - SMSC Corporation LPC47B27X Datasheet HTML 49Page - SMSC Corporation LPC47B27X Datasheet HTML 50Page - SMSC Corporation LPC47B27X Datasheet HTML 51Page - SMSC Corporation LPC47B27X Datasheet HTML 52Page - SMSC Corporation LPC47B27X Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
SMSC LPC47B27x
- 49 -
Rev. 08-10-04
DATASHEET
FORMAT FIELDS
SYSTEM 34 (DOUBLE DENSITY) FORMAT
GAP4a
80x
4E
SYNC
12x
00
IAM
GAP1
50x
4E
SYNC
12x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
22x
4E
SYNC
12x
00
DATA
AM
DATA
C
R
C
GAP3 GAP 4b
3x
C2
FC
3x
A1
FE
3x
A1
FB
F8
SYSTEM 3740 (SINGLE DENSITY) FORMAT
GAP4a
40x
FF
SYNC
6x
00
IAM
GAP1
26x
FF
SYNC
6x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
11x
FF
SYNC
6x
00
DATA
AM
DATA
C
R
C
GAP3 GAP 4b
FC
FE
FB or
F8
PERPENDICULAR FORMAT
GAP4a
80x
4E
SYNC
12x
00
IAM
GAP1
50x
4E
SYNC
12x
00
IDAM
C
Y
L
H
D
S
E
C
N
O
C
R
C
GAP2
41x
4E
SYNC
12x
00
DATA
AM
DATA
C
R
C
GAP3 GAP 4b
3x
C2
FC
3x
A1
FE
3x
A1
FB
F8
Table 24 - Typical Values for Formatting
FORMAT
SECTOR SIZE
N
SC
GPL1
GPL2
5.25"
Drives
FM
128
128
512
1024
2048
4096
...
00
00
02
03
04
05
...
12
10
08
04
02
01
07
10
18
46
C8
C8
09
19
30
87
FF
FF
MFM
256
256
512*
1024
2048
4096
...
01
01
02
03
04
05
...
12
10
09
04
02
01
0A
20
2A
80
C8
C8
0C
32
50
F0
FF
FF
3.5"
Drives
FM
128
256
512
0
1
2
0F
09
05
07
0F
1B
1B
2A
3A
MFM
256
512**
1024
1
2
3
0F
09
05
0E
1B
35
36
54
74
GPL1 = suggested GPL values in Read and Write commands to avoid splice point
between data field and ID field of contiguous sections.
GPL2 = suggested GPL value in Format A Track command.
*PC/AT values (typical)
**PS/2 values (typical). Applies with 1.0 MB and 2.0 MB drives.
NOTE: All values except sector size are in hex.
CONTROL COMMANDS
Control commands differ from the other commands in that no data transfer takes place. Three commands generate an
interrupt when complete: Read ID, Recalibrate, and Seek. The other control commands do not generate an interrupt.
Read ID
The Read ID command is used to find the present position of the recording heads. The FDC stores the values from the
first ID field it is able to read into its registers. If the FDC does not find an ID address mark on the diskette after the
second occurrence of a pulse on the nINDEX pin, it then sets the IC code in Status Register 0 to "01" (abnormal
termination), sets the MA bit in Status Register 1 to "1", and terminates the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com