Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC47B27X Datasheet(PDF) 72 Page - SMSC Corporation

Part # LPC47B27X
Description  100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47B27X Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LPC47B27X Datasheet HTML 68Page - SMSC Corporation LPC47B27X Datasheet HTML 69Page - SMSC Corporation LPC47B27X Datasheet HTML 70Page - SMSC Corporation LPC47B27X Datasheet HTML 71Page - SMSC Corporation LPC47B27X Datasheet HTML 72Page - SMSC Corporation LPC47B27X Datasheet HTML 73Page - SMSC Corporation LPC47B27X Datasheet HTML 74Page - SMSC Corporation LPC47B27X Datasheet HTML 75Page - SMSC Corporation LPC47B27X Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 196 page
background image
SMSC LPC47B27x
- 72 -
Rev. 08-10-04
DATASHEET
Bit 6 – MIDI Transmit Busy
Bit 6 MIDI Transmit Busy indicates the send (write) state of the MIDI Data port and Command port
(Table 37).
There are no interrupts associated with MIDI transmit (write) data.
TABLE 37 - MIDI TRANSMIT BUSY STATUS BIT
STATUS PORT
DESCRIPTION
D6
0
The MPU-401 interface is ready to accept a
data/command byte from the host.
1
The MPU-401 interface is NOT ready to
accept a data/command byte from the host.
Bits[5:0]
RESERVED (Reserved bits cannot be written and return ‘0’ when read).
Command Port
The Command port is used to transfer MPU-401 commands to the Command Controller.
The
Command port is write-only (Table 38). See Section “MPU-401 Command Controller” below.
TABLE 38 – MPU-401 COMMAND PORT
MPU-401 I/O BASE ADDRESS+1
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
TYPE
W
W
W
W
W
W
W
W
n/a
NAME
COMMAND REGISTER
Interrupt
The MPU-401 IRQ is asserted (‘1’) when either MIDI receive data or a command acknowledge byte is
available to the host in the MIDI Data register (Figure 3). The IRQ is deasserted (‘0’) when the host
reads the MIDI Data port.
NOTE: If, following a host read, data is still available in the Receive FIFO, the IRQ will remain asserted
(‘1’).
The IRQ is enabled when the ‘Activate’ bit in the MPU-401 configuration registers logical device block is
asserted ‘1’. If the Activate bit is deasserted ‘0’, the MPU-401 IRQ cannot be asserted (see Section
“MPU-401 Configuration Registers”).
The MPU-401 IRQ is not affected by MIDI write data, transmit-related functions or Receiver Line Status
interrupts.
The factory default Sound Blaster 16 MPU-401 IRQ is 5.
MIDI RX CLOCK
4
MIDI RX DATA BYTE N
MIDI RX DATA BYTE N+1
MIDI_IN
DATA READY
1
IRQ
3
nREAD
2
NOTE: IRQ remains asserted
until read FIFO is empty
FIGURE 3 - MPU-401 INTERRUPT
NOTE
1
DATA READY represents the Data Ready bit B0 in the UART Line Status Register.
NOTE
2
nREAD represents host read operations from the MIDI Data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com