Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAH8002EP-2P Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # PAH8002EP-2P
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP-2P Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button PAH8002EP-2P Datasheet HTML 2Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 3Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 4Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 5Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 6Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 7Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 8Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 9Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
1.3
Signal Description
Figure 2. Pin Configuration
Table 1. Signal Pins Description
Pin No.
Signal Name
Type
Description
Functional Group:
Power Supplies
1
VDD_LED01
Input
IR/Green LED Anode. Provide VDDM supply voltage
2
VDDAY
Input
Analog circuit power regulator input. Connect to VDDA28 or provide 2.8V voltage
3
VDDA28
Output
Analog circuit power regulator output. Must connect 1µF capacitor to GND
4
VDDD
Output
Digital circuit power regulator output. Must connect 1µF capacitor to GND
5
VBGP
Output
Reference regulator output. Must connect 0.1µF capacitor to GND
7
VDDM
Input
Power supply (3.3 - 3.6V) for internal power regulator
8
VSSLED
GND
LED Ground
15
VSSD
GND
Digital Ground
19
VDDIO
Input
I/O Power Supply (1.62 - 3.6V)
20
VSSA
GND
Analog Ground
s22
VDD_LED2
Input
Green LED Anode. Provide VDDM supply voltage
Functional Group:
Interface
11
SPI_SDI_I2C_SDA
BiDir
4-wire SPI: Data input
I2C: Data input-output
12
SPI_SDO
Output
4-wire SPI: Data output
13
SPI_CSN
Input
4-wire SPI: Chip Select. Active Low
14
SPI_SCLK_I2C_SCL
Input
4-wire SPI/ I2C: Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com