Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAH8002EP-2P Datasheet(PDF) 24 Page - Pixart Imaging Inc.

Part # PAH8002EP-2P
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP-2P Datasheet(HTML) 24 Page - Pixart Imaging Inc.

Back Button PAH8002EP-2P Datasheet HTML 17Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 18Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 19Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 20Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 21Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 22Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 23Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 24Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 25Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
Address Register Name
Access Default Address Register Name
Access Default
0xB7
AE_Ch2_Min_HB
R/W
0x00
0xC3
AE_Ch2_Innertarget_Lo_HB
R/W
0x03
0xBC
AE_Ch2_Outerbound_Hi_LB
R/W
0x00
0xC9
AE_LED2_DAC_Min
R/W
0x01
0xBD
AE_Ch2_Outerbound_Hi_HB
R/W
0x06
0xD2
AE_LED2_DAC_EnH
R/W
0x01
0xBE
AE_Ch2_Outerbound_Lo_LB
R/W
0x00
0xDE
PGAgain_Sel
R/W
0x01
0xBF
AE_Ch2_Outerbound_Lo_HB
R/W
0x02
0xE1
SW_Reset_N
R/W
0x01
0xC0
AE_Ch2_Innertarget_Hi_LB
R/W
0x00
0xE6
LED_DAC_Change_Flag_EnH
R/W
0x00
Table 9. Register Bank1
Note: Switch to Register Bank1 by writing 0x01 to Reg-0x7F
Address Register Name
Access Default Address Register Name
Access Default
0x7A
BG_Sub_EnH
R/W
0x00
0xBB
LED1_DAC_Code
R/W
0x40
0x7C
Congain_Sel
R/W
0x00
0xBC
LED2_DAC_Code
R/W
0x40
0x80
PS_Ctrl_EnH
R/W
0x01
0xC0
LPT_EnH
R/W
0x01
0xB4
LED0_Man_EnH
R/W
0x00
0xC3
OSC_EnL
R/W
0x00
0xB5
LED1_Man_EnH
R/W
0x00
0xD5
TIMER_Gen_Enable
R/W
0x00
0xB6
LED2_Man_EnH
R/W
0x00
0xD6
TIMER_Gen_Period_LB
R/W
0x40
0xB7
LED0_DAC_EnL
R/W
0x00
0xD7
TIMER_Gen_Period_HB
R/W
0x01
0xB8
LED1_DAC_EnL
R/W
0x00
0xE6
IF_Wakeup_Interval_LB
R/W
0x05
0xB9
LED2_DAC_EnL
R/W
0x00
0xE7
IF_Wakeup_Interval_HB
R/W
0x00
0xBA
LED0_DAC_Code
R/W
0x40
0xEA
SetFIFO_RptNum
R/W
0x03
Table 10. Register Bank2
Note: Switch to Register Bank2 by writing 0x02 to Reg-0x7F
Address
Register Name
Access
Default
Address
Register Name
Access
Default
0x25
INT_Mode_Sel
R/W
0x00
0x83
Readout_FIFO_Checksum_4
RO
0x00
0x29
INT_Output_EnL
R/W
0x01
0x8C
INT_SramFIFO_Overflow_Clear
R/W
0x00
0x45
Touch_Flag
RO
0x00
0x8D
INT_SramFIFO_Overflow_Mask
R/W
0x00
0x73
INT_Reg_Array
RO
0x00
0x8E
INT_SramFIFO_Underflow_Clear
R/W
0x00
0x74
INT_SramFIFO_DR_Mask
R/W
0x00
0x8F
INT_SramFIFO_Underflow_Mask
R/W
0x00
0x75
INT_SramFIFO_DR_Clear
R/W
0x00
0xA0
CH0_Exposure_Time_LB
RO
0x00
0x76
INT_TouchDet_Mask
R/W
0x00
0xA1
CH0_Exposure_Time_HB
RO
0x00
0x77
INT_TouchDet_Clear
R/W
0x00
0xA2
CH1_Exposure_Time_LB
RO
0x00
0x78
All_INT_Mask
R/W
0x00
0xA3
CH1_Exposure_Time_HB
RO
0x00
0x7A
INT_Type
R/W
0x01
0xA4
CH2_Exposure_Time_LB
RO
0x00
0x7B
INT_Pulse_Width
R/W
0x08
0xA5
CH2_Exposure_Time_HB
RO
0x00
0x80
Readout_FIFO_Checksum_1
RO
0x00
0xA6
LED0_DAC_Value
RO
0x00
0x81
Readout_FIFO_Checksum_2
RO
0x00
0xA7
LED1_DAC_Value
RO
0x00
0x82
Readout_FIFO_Checksum_3
RO
0x00
0xA8
LED2_DAC_Value
RO
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com