Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAH8002EP-2P Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAH8002EP-2P
Description  Low Power Optical Heart Rate Detection Chip
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAH8002EP-2P Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAH8002EP-2P Datasheet HTML 11Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 12Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 13Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 14Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 15Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 16Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 17Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 18Page - Pixart Imaging Inc. PAH8002EP-2P Datasheet HTML 19Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
Version 1.3 | 25 Sep 2017 | 31007AEN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAH8002EP-2P Product Datasheet
Low Power Optical Heart Rate Detection Chip
PixArt Imaging Inc.
4.2.2
Heart Rate Detection Performance
Parameters
Value
Unit
Conditions
Heart Rate Measurement Range
30 - 240
bpm
Heart Rate Tolerance of Root
Mean Square (RMS)
±3
bpm
@ Room temperature for steady state: 0 km/hr.
±5
bpm
@ Room temperature for motion state: 0 – 9 km/hr
on the treadmill.
Response Time
8 - 10
second
@ Heart Rate = 72/bpm
Notes:
 PAH8002EP can provide heart rate measurement. However, it is not for medical device usage.
 For usage of heart rate detection chip on the wearable device that to be put on the wrist, finger or palm,
 The chip must be placed securely and in-contact with the skin surface as well as keeping it stable without any motion
during measurement in acquiring accurate heart rate measurement.
 Do not wear the device on the wrist bone. It should be wear on the higher position of, especially for those with a
smaller wrist.
 Chip’s performance is optimized with good blood flow. It is recommended to have light exercise for a few minutes to
increase your blood flow before turning on the heart rate monitor.
 On cold weather condition or user is having poor blood circulation (e.g.: cold hands, fingers and feet), the chip
performance (heart rate accuracy) could be effected as the blood flow is slower in the measuring spot position. It is
recommended to activate the heart rate monitor in indoor use.
 If the chip is having problem to read heart rate, may try to swap it on the other side of hand wrist to repeat the
measurement.
 For continuous heart rate measurement, do minimize hand movement and extreme bending of the wrist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com