Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/MA3 Datasheet(PDF) 37 Page - NEC

Part # V850E/MA3
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/MA3 Datasheet(HTML) 37 Page - NEC

Back Button V850E/MA3 Datasheet HTML 33Page - NEC V850E/MA3 Datasheet HTML 34Page - NEC V850E/MA3 Datasheet HTML 35Page - NEC V850E/MA3 Datasheet HTML 36Page - NEC V850E/MA3 Datasheet HTML 37Page - NEC V850E/MA3 Datasheet HTML 38Page - NEC V850E/MA3 Datasheet HTML 39Page - NEC V850E/MA3 Datasheet HTML 40Page - NEC V850E/MA3 Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 226 page
background image
User’s Manual U14559EJ3V1UM
37
CHAPTER 4 ADDRESS SPACE
The V850E1 CPU supports a 4 GB linear address space. Both memory and I/O are mapped to this address space
(memory-mapped I/O). The V850E1 CPU (NB85E) outputs 32-bit addresses to the memory and I/O. The maximum
address is 232–1.
Byte data allocated to each address is defined with bit 0 as the LSB and bit 7 as the MSB. With regards to
multiple-byte data, the byte with the lowest address value is defined to be the LSB and the byte with the highest
address value is defined to be the MSB (little endian).
Data consisting of 2 bytes is called a halfword, and 4-byte data is called a word.
In this user’s manual, data consisting of 2 or more bytes is illustrated as shown below, with the lower address
shown on the right and the higher address on the left.
31
24 23
16 15
7
0
8
Data
Address
Data
Address
Data
Address
A
A+1
A+2
A+3
15
7
0
8
A
A+1
7
0
A
Word at
address A
............................................................................................
Halfword at
address A
......................................................................................................................................
Byte at
address A
.......



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com