Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/MA3 Datasheet(PDF) 12 Page - NEC

Part # V850E/MA3
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/MA3 Datasheet(HTML) 12 Page - NEC

Back Button V850E/MA3 Datasheet HTML 8Page - NEC V850E/MA3 Datasheet HTML 9Page - NEC V850E/MA3 Datasheet HTML 10Page - NEC V850E/MA3 Datasheet HTML 11Page - NEC V850E/MA3 Datasheet HTML 12Page - NEC V850E/MA3 Datasheet HTML 13Page - NEC V850E/MA3 Datasheet HTML 14Page - NEC V850E/MA3 Datasheet HTML 15Page - NEC V850E/MA3 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 226 page
background image
User’s Manual U14559EJ3V1UM
12
CHAPTER 1 GENERAL
Real-time control systems are used in a wide range of applications, including:
• office equipment such as HDDs (Hard Disk Drives), PPCs (Plain Paper Copiers), printers, and facsimiles,
• automobile electronics such as engine control systems and ABSs (Antilock Braking Systems), and
• factory automation equipment such as NC (Numerical Control) machine tools and various controllers.
The great majority of these systems conventionally employ 8-bit or 16-bit microcontrollers. However, the
performance level of these microcontrollers has become inadequate in recent years as control operations have risen
in complexity, leading to the development of increasingly complicated instruction sets and hardware design. As a
result, the need has arisen for a new generation of microcontrollers operable at much higher frequencies to achieve an
acceptable level of performance under today’s more demanding requirements.
The V850 Series of microcontrollers was developed to satisfy this need. This series uses RISC architecture that
can provide maximum performance with simpler hardware, allowing users to obtain a performance approximately 15
times higher than that of the existing 78K/III Series and 78K/IV Series of CISC single-chip microcontrollers at a lower
total cost.
In addition to the basic instructions of conventional RISC CPUs, the V850 Series is provided with special
instructions such as saturation, bit manipulation, and multiply/divide (executed by a hardware multiplier) instructions,
which are especially suited to digital servo control systems. Moreover, instruction formats are designed for maximum
compiler coding efficiency, allowing the reduction of object code sizes.
The V850E1 CPU is a 32-bit RISC CPU core for ASIC, newly developed as the CPU core central to system LSI in
the current age of system-on-a-chip. This core includes not only the control functions of the V850 CPU, the CPU core
incorporated in the V850 Series, but also supports data processing through its enhanced external bus interface
performance, and the addition of features such as C language switch statement processing, table lookup branching,
stack frame creation/deletion, data conversion, and other high-level language supporting instructions.
In addition, because the instruction codes are upwardly compatible with the V850 CPU at the object code level, the
software resources of systems that incorporate the V850 CPU can be used unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com