Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/MA3 Datasheet(PDF) 86 Page - NEC

Part # V850E/MA3
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/MA3 Datasheet(HTML) 86 Page - NEC

Back Button V850E/MA3 Datasheet HTML 82Page - NEC V850E/MA3 Datasheet HTML 83Page - NEC V850E/MA3 Datasheet HTML 84Page - NEC V850E/MA3 Datasheet HTML 85Page - NEC V850E/MA3 Datasheet HTML 86Page - NEC V850E/MA3 Datasheet HTML 87Page - NEC V850E/MA3 Datasheet HTML 88Page - NEC V850E/MA3 Datasheet HTML 89Page - NEC V850E/MA3 Datasheet HTML 90Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
86
<Load instruction>
Load halfword unsigned
LD.HU
Load
Instruction format
LD.HU disp16 [reg1], reg2
Operation
adr
← GR [reg1] + sign-extend (disp16)
GR [reg2]
← zero-extend (Load-memory (adr, Halfword))
Format
Format VII
Opcode
15
0
31
16
rrrrr111111RRRRR
ddddddddddddddd1
ddddddddddddddd is the higher 15 bits of disp16.
Flag
CY
–
OV
–
S
–
Z
–
SAT
–
Explanation
Adds the data of general-purpose register reg1 to a 16-bit displacement sign-extended to word
length to generate a 32-bit address. Halfword data is read from the generated address, zero-
extended to word length, and stored in general-purpose register reg2.
Caution
The result of adding the data of general-purpose register reg1 and the 16-bit displacement sign-
extended to word length can be of two types depending on the type of data to be accessed
(halfword, word), and the misalign mode setting.
•
Lower bits are masked to 0 and address is generated (when misaligned access is
disabled)
•
Lower bits are not masked and address is generated (when misaligned access is
enabled)
(when misaligned access is enabled for the type D, E, and F products)
For details on misaligned access, see 3.3 Data Alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com