Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3AIPFP Datasheet(PDF) 19 Page - Texas Instruments

Part # TSB41BA3AIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 15Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 16Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 17Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 18Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 20Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 21Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 22Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating conditions (unless otherwise noted)
(continued)
thermal characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity Texas
Instruments recommended test board, chip soldered or
19.04
°C/W
RθJC Junction-to-case-thermal resistance
Instruments recommended test board, chip soldered or
greased to thermal land with 2 oz. copper.
0.17
°C/W
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity Texas
Instruments recommended test board with thermal land
31.52
°C/W
RθJC Junction-to-case-thermal resistance
Instruments recommended test board with thermal land
but no solder or grease thermal connection to thermal
land with 2 oz. copper.
0.17
°C/W
RθJA
Junction-to-free-air thermal resistance
Board mounted, no air flow, high conductivity JEDEC test
49.17
°C/W
RθJC Junction-to-case-thermal resistance
Board mounted, no air flow, high conductivity JEDEC test
board with 1 oz. copper
3.11
°C/W
RθJA
Junction-to-free-air thermal resistance
Two-sided JEDEC test card, no air flow
52.66
°C/W
switching characteristics
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
tr
TP differential rise time, transmit
10% to 90%,
At 1394 connector
0.3
0.8
ns
tf
TP differential fall time, transmit
90% to 10%,
At 1394 connector
0.3
0.8
ns
tsu
Setup time, CTL0, CTL1, D1−D7, LREQ to
PCLK
1394a-2000
50% to 50%,
See Figure 2
2.5
ns
th
Hold time, CTL0, CTL1, D1−D7, LREQ
after PCLK
1394a-2000
50% to 50%,
See Figure 2
0
ns
tsu
Setup time, CTL0, CTL1, D1−D7, LREQ to
LCLK_PMC
1394b
50% to 50%,
See Figure 2
2.5
ns
th
Hold time, CTL0, CTL1, D1−D7, LREQ
after LCLK_PMC
1394b
50% to 50%,
See Figure 2
0
ns
td
Delay time, PCLK to CTL0, CTL1, D1−D7,
PINT
1394a-2000
and 1394b
50% to 50%,
See Figure 3
0.5
7
ns
PARAMETER MEASUREMENT INFORMATION
TPAx+
TPBx+
TPAx−
TPBx−
56
Ω
Figure 1. Test Load Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com