Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3AIPFP Datasheet(PDF) 23 Page - Texas Instruments

Part # TSB41BA3AIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 19Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 20Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 21Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 22Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 23Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 24Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 25Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 26Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 3. Base Register Field Descriptions (Continued)
FIELD
SIZE
TYPE
DESCRIPTION
EAA
1
Rd/Wr
Enable accelerated arbitration. This bit enables the PHY to perform the various arbitration acceleration
enhancements defined in 1394a-2000 (ACK-accelerated arbitration, asynchronous fly-by concatenation, and
isochronous fly-by concatenation). This bit is reset to 0 by hardware reset and is unaffected by bus reset. This
bit has no effect when the device is operating in 1394b mode.
NOTE: The use of accelerated arbitration is completely compatible with networks containing legacy IEEE Std
1394-1995 PHYs. The EAA bit is set only if the attached LLC is 1394a-2000 compliant. If the LLC is not
1394a-2000 or 1394b-2002 compliant, then the use of the arbitration acceleration enhancements can interfere
with isochronous traffic by excessively delaying the transmission of cycle-start packets.
EMC
1
Rd/Wr
Enable multispeed concatenated packets. This bit enables the PHY to transmit concatenated packets of
differing speeds in accordance with the protocols defined in 1394a-2000. This bit is reset to 0 by hardware reset
and is unaffected by bus reset. This bit has no effect when the device is operating in 1394b mode.
NOTE: The use of multispeed concatenation is completely compatible with networks containing legacy IEEE
Std 1394-1995 PHYs. However, use of multispeed concatenation requires that the attached LLC be
1394a-2000 or 1394b-2002 compliant.
Max Legacy
SPD
3
Rd
Maximum legacy-path speed. This field holds the maximum speed capability of any legacy node (1394a-2000
or 1394-1995 compliant) as indicated in the self-ID packets received during bus-initialization. Encoding is the
same as for the PHY_SPEED field (but limited to S400 maximum).
BLINK
1
Rd
Beta-mode link. This bit indicates that a beta-mode capable link is attached to the PHY. This bit is set by the
BMODE input terminal on the TSB41BA3A.
Bridge
2
Rd/Wr
This field controls the value of the bridge (brdg) field in self-ID packet. The power reset value is 0. Details for
when to set these bits are specified in the IEEE 1394.1 bridging specification.
Page_Select
3
Rd/Wr
Page_Select. This field selects the register page to use when accessing register addresses 8 through 15. This
field is reset to 0 by a hardware reset and is unaffected by bus-reset.
Port_Select
4
Rd/Wr
Port_Select. This field selects the port when accessing per-port status or control (for example, when one of the
port status/control registers is accessed in page 0). Ports are numbered starting at 0. This field is reset to 0 by
hardware-reset and is unaffected by bus-reset.
The port status page provides access to configuration and status information for each of the ports. The port is
selected by writing 0 to the Page_Select field and the desired port number to the Port_Select field in base
register 7. Table 4 shows the configuration of the port status page registers and Table 5 gives the corresponding
field descriptions. If the selected port is unimplemented, then all registers in the port status page are read
as 0.
Table 4. Page 0 (Port Status) Register Configuration
BIT POSITION
Address
0
1
2
3
4
5
6
7
1000
Astat
BStat
Ch
Con
RXOK
Dis
1001
Negotiated_speed
PIE
Fault
Standby_fault
Disscrm
B_Only(0)
1010
DC_connected
Max_port_speed
LPP
Cable_speed
1011
Connection_unreliable
Reserved
Beta_mode
Reserved
1100
Port_error
1101
Reserved
Sleep_Flag
Sleep_enable
Loop_disable
In_standby
Hard_disable
1110
Reserved
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com