Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3AIPFP Datasheet(PDF) 30 Page - Texas Instruments

Part # TSB41BA3AIPFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3AIPFP Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSB41BA3AIPFP Datasheet HTML 26Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 27Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 28Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 29Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 30Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 31Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 32Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 33Page - Texas Instruments TSB41BA3AIPFP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
designing with PowerPAD
The TSB41BA3A is housed in a high performance, thermally enhanced, 80-terminal PFP PowerPAD
package. Use of the PowerPAD package does not require any special considerations except to note that the
PowerPAD, which is an exposed die pad on the bottom of the device, is a metallic thermal and electrical
conductor. Therefore, if not implementing PowerPAD PCB features, the use of solder masks (or other assembly
techniques) may be required to prevent any inadvertent shorting by the exposed PowerPAD of connection
etches or vias under the package. The recommended option, however, is to not run any etches or signal vias
under the device, but to have only a grounded thermal land as explained below. Although the actual size of the
exposed die pad may vary, the maximum size required for the keepout area for the 80-terminal PFP PowerPAD
package is 10 mm
× 10 mm. The actual PowerPAD size for the TSB41BA3A is 6 mm × 6 mm.
It is required that there be a thermal land, which is an area of solder-tinned-copper, underneath the PowerPAD
package. The thermal land varies in size, depending on the PowerPAD package being used, the PCB
construction, and the amount of heat that needs to be removed. In addition, the thermal land may or may not
contain numerous thermal vias depending on PCB construction.
Other requirements for thermal lands and thermal vias are detailed in the Texas Instruments PowerPAD
Thermally Enhanced Package application report (SLMA002) available via the Texas Instruments web pages
at URL: http://www.ti.com.
Figure 9. Example of a Thermal Land for the TSB41BA3A PHY
For the TSB41BA3A, this thermal land must be grounded to the low impedance ground plane of the device. This
improves not only thermal performance but also the electrical grounding of the device. It is also recommended
that the device ground terminal landing pads be connected directly to the grounded thermal land. The land size
ought to be as large as possible without shorting device signal terminals. The thermal land may be soldered
to the exposed PowerPAD using standard reflow soldering techniques.
While the thermal land may be electrically floated and configured to remove heat to an external heat sink, it is
recommended that the thermal land be connected to the low impedance ground plane for the device. More
information may be obtained from the Texas Instruments application note PHY Layout (SLLA020).
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com