Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F73-I/SP Datasheet HTML 1Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 2Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 3Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 4Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 5Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 6Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 7Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 8Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 1
M
PIC16F7X
Devices Included in this Data Sheet:
High Performance RISC CPU:
• High performance RISC CPU
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches which are two-cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• Up to 8K x 14 words of FLASH Program Memory,
Up to 368 x 8 bytes of Data Memory (RAM)
• Pinout compatible to the PIC16C73B/74B/76/77
• Pinout compatible to the PIC16F873/874/876/877
• Interrupt capability (up to 12 sources)
• Eight level deep hardware stack
• Direct, Indirect and Relative Addressing modes
• Processor read access to program memory
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and
Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• In-Circuit Serial Programming
 (ICSP) via two
pins
Peripheral Features:
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler,
can be incremented during SLEEP via external
crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Two Capture, Compare, PWM modules
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• 8-bit, up to 8-channel Analog-to-Digital converter
• Synchronous Serial Port (SSP) with SPI
 (Master
mode) and I2C
 (Slave)
• Universal Synchronous Asynchronous Receiver
Transmitter (USART/SCI)
• Parallel Slave Port (PSP), 8-bits wide with
external RD, WR and CS controls (40/44-pin only)
• Brown-out detection circuitry for
Brown-out Reset (BOR)
CMOS Technology:
• Low power, high speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range: 2.0V to 5.5V
• High Sink/Source Current: 25 mA
• Industrial temperature range
• Low power consumption:
- < 2 mA typical @ 5V, 4 MHz
-20
µA typical @ 3V, 32 kHz
-< 1
µA typical standby current
• PIC16F73
• PIC16F74
• PIC16F76
• PIC16F77
Device
Program Memory
(# Single Word
Instructions)
Data
SRAM
(Bytes)
I/O
Interrupts
8-bit
A/D (ch)
CCP
(PWM)
SSP
USART
Timers
8/16-bit
SPI
(Master)
I2C
(Slave)
PIC16F73
4096
192
22
11
5
2
Yes
Yes
Yes
2 / 1
PIC16F74
4096
192
33
12
8
2
Yes
Yes
Yes
2 / 1
PIC16F76
8192
368
22
11
5
2
Yes
Yes
Yes
2 / 1
PIC16F77
8192
368
33
12
8
2
Yes
Yes
Yes
2 / 1
28/40-Pin 8-Bit CMOS FLASH Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com