Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 11Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 12Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 13Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 14Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 15Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 16Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 17Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 18Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 13
PIC16F7X
2.0
MEMORY ORGANIZATION
There are two memory blocks in each of these
PICmicro® MCUs. The Program Memory and Data
Memory have separate buses so that concurrent
access can occur and is detailed in this section. The
Program Memory can be read internally by user code
(see Section 3.0).
Additional information on device memory may be found
in the PICmicro
 Mid-Range Reference Manual
(DS33023).
2.1
Program Memory Organization
The PIC16F7X devices have a 13-bit program counter
capable of addressing an 8K word x 14-bit program
memory space. The PIC16F77/76 devices have
8K words of FLASH program memory and the
PIC16F73/74 devices have 4K words. The program
memory maps for PIC16F7X devices are shown in
Figure 2-1. Accessing a location above the physically
implemented address will cause a wraparound.
The RESET Vector is at 0000h and the Interrupt Vector
is at 0004h.
2.2
Data Memory Organization
The Data Memory is partitioned into multiple banks,
which contain the General Purpose Registers and the
Special Function Registers. Bits RP1 (STATUS<6>)
and RP0 (STATUS<5>) are the bank select bits:
Each bank extends up to 7Fh (128 bytes). The lower
locations of each bank are reserved for the Special
Function Registers. Above the Special Function Regis-
ters are General Purpose Registers, implemented as
static RAM. All implemented banks contain Special
Function Registers. Some frequently used Special
Function Registers from one bank may be mirrored in
another bank for code reduction and quicker access.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file (shown in Figure 2-2 and Figure 2-3)
can be accessed either directly, or indirectly, through
the File Select Register FSR.
FIGURE 2-1:
PROGRAM MEMORY MAPS AND STACKS FOR PIC16F7X DEVICES
RP1:RP0
Bank
00
0
01
1
10
2
11
3
PC<12:0>
13
0000h
0004h
0005h
Stack Level 1
Stack Level 8
RESET Vector
Interrupt Vector
On-Chip
CALL, RETURN
RETFIE, RETLW
1FFFh
Stack Level 2
Program
Memory
Page 0
Page 1
07FFh
0800h
0FFFh
1000h
17FFh
1800h
RESET Vector
Interrupt Vector
Page 0
Page 1
Page 2
Page 3
0000h
0004h
0005h
1FFFh
07FFh
0800h
0FFFh
1000h
PC<12:0>
13
Stack Level 1
Stack Level 8
CALL, RETURN
RETFIE, RETLW
Stack Level 2
Unimplemented
Read as ‘0’
On-Chip
Program
Memory
PIC16F76/77
PIC16F73/74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com