Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F73-I/SP Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F73-I/SP
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F73-I/SP Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F73-I/SP Datasheet HTML 34Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 35Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 36Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 37Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 38Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 39Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 40Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 41Page - Microchip Technology PIC16F73-I/SP Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 174 page
background image
PIC16F7X
DS30325B-page 36
 2002 Microchip Technology Inc.
4.4
PORTD and TRISD Registers
This section is not applicable to the PIC16F73 or
PIC16F76.
PORTD is an 8-bit port with Schmitt Trigger input buff-
ers. Each pin is individually configureable as an input or
output.
PORTD can be configured as an 8-bit wide micro-
processor port (parallel slave port) by setting control bit
PSPMODE (TRISE<4>). In this mode, the input buffers
are TTL.
FIGURE 4-6:
PORTD BLOCK DIAGRAM
(IN I/O PORT MODE)
TABLE 4-7:
PORTD FUNCTIONS
TABLE 4-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Data Bus
WR Port
WR TRIS
RD Port
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
Q
D
CK
Q
D
CK
EN
QD
EN
Name
Bit#
Buffer Type
Function
RD0/PSP0
bit0
ST/TTL(1)
Input/output port pin or parallel slave port bit0
RD1/PSP1
bit1
ST/TTL(1)
Input/output port pin or parallel slave port bit1
RD2/PSP2
bit2
ST/TTL(1)
Input/output port pin or parallel slave port bit2
RD3/PSP3
bit3
ST/TTL(1)
Input/output port pin or parallel slave port bit3
RD4/PSP4
bit4
ST/TTL(1)
Input/output port pin or parallel slave port bit4
RD5/PSP5
bit5
ST/TTL(1)
Input/output port pin or parallel slave port bit5
RD6/PSP6
bit6
ST/TTL(1)
Input/output port pin or parallel slave port bit6
RD7/PSP7
bit7
ST/TTL(1)
Input/output port pin or parallel slave port bit7
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1: Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
08h
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
88h
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction bits
0000 -111
0000 -111
Legend: x = unknown, u = unchanged, - = unimplemented read as '0'. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com